Electronic Components Datasheet Search
  English  ▼

X  

ZSC31014EIB Datasheet(PDF) 40 Page - Renesas Technology Corp

Part # ZSC31014EIB
Description  RBicilite??Digital Output Sensor Signal Conditioner
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSC31014EIB Datasheet(HTML) 40 Page - Renesas Technology Corp

Back Button ZSC31014EIB Datasheet HTML 36Page - Renesas Technology Corp ZSC31014EIB Datasheet HTML 37Page - Renesas Technology Corp ZSC31014EIB Datasheet HTML 38Page - Renesas Technology Corp ZSC31014EIB Datasheet HTML 39Page - Renesas Technology Corp ZSC31014EIB Datasheet HTML 40Page - Renesas Technology Corp ZSC31014EIB Datasheet HTML 41Page - Renesas Technology Corp ZSC31014EIB Datasheet HTML 42Page - Renesas Technology Corp ZSC31014EIB Datasheet HTML 43Page - Renesas Technology Corp ZSC31014EIB Datasheet HTML 44Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 59 page
background image
ZSC31014 Datasheet
© 2016 Integrated Device Technology, Inc.
40
January 20, 2016
EEPROM
Word
Bit
Range
IC Default
Description
Note
02HEX
ZMDI_Config_2
Bits in the ZMDI_Config_2 EEPROM word control the
following settings. Important: IC must be power-cycled
after changes to this word.
0
0 BIN
SPI_Polarity
Configure clock polarity of SPI interface
0 = MISO changes on SCLK negative edge.
1 = MISO changes on SCLK positive edge.
2:1
00 BIN
Diag_cfg
2-bit diagnostic configuration field.
Diag_cfg[0] enables sensor connection check.
Diag_cfg[1] enables sensor short checking.
9:3
010 1000BIN
Slave_Addr
I
2C™ slave address (default = 28
HEX). Valid range is
00HEX to 7FHEX.
12:10
000BIN
Comm_lock
Communications address lock
§§
011 => locked
All other => unlocked
When communication is locked, I
2C™ communication
will only respond to its programmed address.
Otherwise if communication is unlocked, I
2C™ will
respond to any address.
15:13
000BIN
EEP_Lock
EEPROM lock
011 = locked
All other = unlocked
When EEPROM is locked, the internal charge pump is
disabled and the EEPROM can never be programmed
again. NOTE: Next command must be Start_NOM so
that the signature is calculated and written to
EEPROM before power down.***
03HEX
15:0
0000HEX
Offset_B
Signed 16-bit offset for bridge correction. See section
2.2.2 for details on programming Offset_B for raw data
collection.
04HEX
14:0
010 0000
0000 0000 BIN
Gain_B
15-bit magnitude of bridge gain. Always positive. Unity
is 2000HEX.
15
0BIN
Gain8x_B
Multiple Gain_B by 8
0 = Gain_B x 1
1 = Gain_B x 8
§§ The Comm_lock was set to 011BIN during wafer test for parts manufactured before workweek (ww) 13/2009.
*** Caution: If the part is power-cycled instead, the lock will take effect, and the checksum will be permanently wrong. In this case, the part will
always output a diagnostic state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com