Electronic Components Datasheet Search
  English  ▼

X  

ZSSC3138 Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # ZSSC3138
Description  Sensor Signal Conditioner for Ceramic Sensor Applications
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC3138 Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button ZSSC3138 Datasheet HTML 14Page - Renesas Technology Corp ZSSC3138 Datasheet HTML 15Page - Renesas Technology Corp ZSSC3138 Datasheet HTML 16Page - Renesas Technology Corp ZSSC3138 Datasheet HTML 17Page - Renesas Technology Corp ZSSC3138 Datasheet HTML 18Page - Renesas Technology Corp ZSSC3138 Datasheet HTML 19Page - Renesas Technology Corp ZSSC3138 Datasheet HTML 20Page - Renesas Technology Corp ZSSC3138 Datasheet HTML 21Page - Renesas Technology Corp ZSSC3138 Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
ZSSC3138 Datasheet
© 2016 Integrated Device Technology, Inc.
18
January 25, 2016
2.6.
Analog or Digital Output
The AOUT pin is used for analog output and for one-wire communication (OWI). The latter can be used for digital
readout of the conditioned sensor signal and for end-of-line sensor module calibration. The ZSSC3138 supports
different modes for the analog output in interaction with OWI communication:
• OWIENA:
Analog output is deactivated; OWI readout of the signal data is enabled.
• OWIWIN:
Analog output starts after the startup phase and after the OWI startup window if OWI
communication is not initiated; OWI communication for configuration or for end-of-line
calibration can be started during the OWI startup window (maximum ~500ms) by sending the
START_CM command.
• OWIANA:
Analog output starts after the startup phase; OWI communication for configuration or for end-
of-line calibration can be started during the OWI startup window (maximum ~500ms) by
sending the START_CM command; for command transmission, the driven analog output at
the AOUT pin must be overwritten by the external communication master (AOUT drive
capability is current-limited).
• OWIDIS:
Analog output starts after the startup phase; OWI readout of the signal data is disabled.
The analog output signal is driven by an offset compensated, rail-to-rail output buffer that is current-limited to
prevent damage to the ZSSC3138 from a short circuit between the analog output and power supply or ground.
Output resolution of at least 12-bit in the range of 10% to 90% FS is ensured by a 12.4-bit resistor string DAC.
2.7.
Serial Digital Interface
The ZSSC3138 includes a serial digital I²C
TM interface and a ZACwireTM interface for one-wire communication
(OWI). The digital interfaces allow configuration and calibration of the sensor module. OWI communication can be
used to perform an end-of-line calibration via the analog output pin AOUT of a completely assembled sensor
module. The interfaces also provide the readout of the conditioned sensor signal data during normal operation.
Refer to the ZSSC313x Functional Description for a detailed description of the serial interfaces and the
communication protocols.
2.8.
Failsafe Features
The ZSSC3138 detects various failures. When a failure is detected, Diagnostic Mode (DM) is activated. DM is
indicated by setting the output pin AOUT to the Lower Diagnostic Range (LDR). When using digital serial
communication protocols (I²C™ or OWI) to read conditioning results data, the error status is indicated by a
specific error code.
A watchdog timer controls the proper operation of the microcontroller. The operation of the internal oscillator is
monitored by an oscillator-failure detection circuit. EEPROM and RAM content are checked when accessed.
Control registers are parity protected.
The sensor connection is checked with regard to broken wires or short circuits (sensor connection check, sensor
short check).
Refer to the ZSSC313x Functional Description for a detailed description of failsafe features and methods of error
indication.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com