Electronic Components Datasheet Search
  English  ▼

X  

ZSSC3123AI2T Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # ZSSC3123AI2T
Description  cLite??Capacitive Sensor Signal Conditioner
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC3123AI2T Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button ZSSC3123AI2T Datasheet HTML 28Page - Renesas Technology Corp ZSSC3123AI2T Datasheet HTML 29Page - Renesas Technology Corp ZSSC3123AI2T Datasheet HTML 30Page - Renesas Technology Corp ZSSC3123AI2T Datasheet HTML 31Page - Renesas Technology Corp ZSSC3123AI2T Datasheet HTML 32Page - Renesas Technology Corp ZSSC3123AI2T Datasheet HTML 33Page - Renesas Technology Corp ZSSC3123AI2T Datasheet HTML 34Page - Renesas Technology Corp ZSSC3123AI2T Datasheet HTML 35Page - Renesas Technology Corp ZSSC3123AI2T Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 67 page
background image
ZSSC3123 Datasheet
© 2018 Integrated Device Technology, Inc.
32
August 16, 2018
10.4 Status and Diagnostics
Status bits (the two MSBs of the fetched high data byte; see Table 16) are provided in I2C and SPI but not in PDM. The status bits are used to
indicate the current state of the fetched data. Diagnostic detection is available in I2C, SPI, and PDM. In I2C and SPI diagnostics are reported
as a saturated high capacitance and temperature output (see Table 16). In PDM, diagnostics are reported as a railed high output level for both
PDM_C (capacitive PDM) and PDM_T (temperature PDM). If a diagnostic value is reported then one or more of the errors shown in Table 18
occurred in normal operation.
Configuration EEPROM diagnostics are detected at initial power-up of the ZSSC3123 or a wakeup in Sleep Mode and are permanent
diagnostics. All other diagnostics are detected during a measurement cycle and reported in the subsequent data fetch for I2C or SPI or in an
output register update for PDM.
Table 16. Status Bit Definitions
Status Bits (I2C or SPI)
PDM Output
Definition
00BIN
Clipped normal output
Valid data: Data that has not been fetched since the last
measurement cycle.
01BIN
Not applicable
Stale data: Data that has already been fetched since the last
measurement cycle.
Note: If a data fetch is performed before or during the first
measurement after power-on reset, then “Stale data” will be
returned, but this data is actually invalid since the first
measurement has not been completed.
10BIN
Not applicable
Command Mode: The ZSSC3123 is in Command Mode.
11BIN
Not used
Not used
Table 17. Diagnostic Detection
I2C or SPI Output
PDM Output
Definition
Saturated output 3FFFHEX
High output (railed) level
A diagnostic fault has occurred in normal operation (see the
following table).
Table 18. Normal Operation Diagnostic Table
Diagnostic
Type
Definition
Configuration Error
Permanent
An EEPROM or RAM parity error occurred in the initial
loading of the configuration registers.
RAM Parity Error
Transient
A RAM parity error occurred during a microcontroller
instruction in the last measurement cycle.
EEPROM Error
Transient
A double-bit error detection (DED) EEPROM error occurred
in the last measurement cycle (see section 10.4.1).
Math Warning
Transient
An internal math overflow has occurred in the last
measurement cycle and the output might be invalid.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com