| Electronic Components Datasheet Search |
|
REF3433QDBVRQ1 Datasheet(PDF) 22 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
REF3433QDBVRQ1 Datasheet(HTML) 22 Page - Texas Instruments |
|
22 / 38 page ![]() With the RSS error of the voltage reference, the ADC error needs also needs to be calculated using the RSS method as seen in Equation 6. Equation 7 can then be used to sum both errors. It is important to make sure that only the applicable voltage reference error in relation to the measured signal is used. ADC Total 2 2 2 2 Total Unadjusted Error Error Gain Error Offset Error INL Error DNL Error (6) 2 2 VREF ADC Total VREF@ AIN Total ADC Total Error Error Error (7) 11.2.2.4 Enable Feature in ADAS In ADAS applications it is important to have a low quiescent current when the automotive application does not require the ADAS system to be in use. This creates a need for a low standby power so the battery life is preserved but there is also need for the system to still be readily available to start-up with minimal delays. In such situations the MCU and other systems will go into a standby mode to ensure that the power consumption is lowered to the absolute minimum. The REF3425-Q1 offers an enable pin that can be controlled by the MCU to activate shutdown mode with causes the REF3425-Q1 to go into stand by and consume 3 μA (maximum) and allow for a longer battery life. REF34-Q1 SBAS901C – JULY 2018 – REVISED OCTOBER 2020 www.ti.com 22 Submit Document Feedback Copyright © 2020 Texas Instruments Incorporated Product Folder Links: REF34-Q1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |