| Electronic Components Datasheet Search |
|
REF3440QDBVRQ1 Datasheet(PDF) 16 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
REF3440QDBVRQ1 Datasheet(HTML) 16 Page - Texas Instruments |
|
16 / 38 page ![]() 10 Detailed Description 10.1 Overview The REF34-Q1 devices are a family of low-noise, precision bandgap voltage references that are specifically designed for excellent initial voltage accuracy and drift. The Section 10.2 is a simplified block diagram of the REF34-Q1 showing basic band-gap topology. 10.2 Functional Block Diagram Bandgap core Buffer Digital Enable Blocks Inrush EN IN GNDF OUTS Current Vdd GNDS OUTF Limit 10.3 Feature Description 10.3.1 Supply Voltage The REF34-Q1 family of references features an extremely low dropout voltage. For loaded conditions, a typical dropout voltage versus load is shown on the front page. The REF34-Q1 family features a low quiescent current that is extremely stable over changes in both temperature and supply. The typical room temperature quiescent current is 72 μA, and the maximum quiescent current over temperature is just 95 μA. Supply voltages below the specified levels can cause the REF34-Q1 to momentarily draw currents greater than the typical quiescent current. Use a power supply with a fast rising edge and low output impedance to easily prevent this issue. 10.3.2 Low Temperature Drift The REF34-Q1 devices are designed for minimal drift error, which is defined as the change in output voltage over temperature. The drift is calculated using the box method, as described by Equation 3: REF(MAX) REF(MIN) 6 REF V V Drift = 10 V Temperature Range · § u ¸ ¨ u © ¹ (3) REF34-Q1 SBAS901C – JULY 2018 – REVISED OCTOBER 2020 www.ti.com 16 Submit Document Feedback Copyright © 2020 Texas Instruments Incorporated Product Folder Links: REF34-Q1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |