Electronic Components Datasheet Search
  English  ▼

X  

SN74HCS125 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HCS125
Description  SN74HCS125 Quadruple Buffer with 3-State Outputs and Schmitt-Trigger Inputs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74HCS125 Datasheet(HTML) 1 Page - Texas Instruments

  SN74HCS125 Datasheet HTML 1Page - Texas Instruments SN74HCS125 Datasheet HTML 2Page - Texas Instruments SN74HCS125 Datasheet HTML 3Page - Texas Instruments SN74HCS125 Datasheet HTML 4Page - Texas Instruments SN74HCS125 Datasheet HTML 5Page - Texas Instruments SN74HCS125 Datasheet HTML 6Page - Texas Instruments SN74HCS125 Datasheet HTML 7Page - Texas Instruments SN74HCS125 Datasheet HTML 8Page - Texas Instruments SN74HCS125 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
SN74HCS125 Quadruple Buffer with 3-State Outputs and Schmitt-Trigger Inputs
1 Features
• Wide operating voltage range: 2 V to 6 V
• Schmitt-trigger inputs allow for slow or noisy input
signals
• Low power consumption
– Typical ICC of 100 nA
– Typical input leakage current of ±100 nA
• ±7.8-mA output drive at 6 V
• Extended ambient temperature range: –40°C to
+125°C, TA
2 Applications
• Enable or disable a digital signal
• Controlling an indicator LED
• Debounce a switch
• Eliminate slow or noisy input signals
3 Description
The SN74HCS125 contains four independent buffers
with 3-state outputs and Schmitt-trigger inputs. Each
buffer performs the Boolean function Y = A in positive
logic. The outputs can be put into a Hi-Z state by
applying a High on the OE pin.
Device Information
PART NUMBER
PACKAGE(1)
BODY SIZE (NOM)
SN74HCS125PW
TSSOP (14)
5.00 mm × 4.40 mm
SN74HCS125D
SOIC (14)
9.90 mm × 3.90 mm
SN74HCS125BQA
WQFN (14)
3.00 mm × 2.50 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
Input Voltage
Schmitt-trigger
CMOS Input
Response
Waveforms
Standard
CMOS Input
Response
Waveforms
Input Voltage
Input Voltage
Time
Time
Input Voltage
Waveforms
Low Power
Noise Rejection
Supports Slow Inputs
Time
Time
Time
Time
Benefits of Schmitt-trigger inputs
www.ti.com
SN74HCS125
SCLS784A – JUNE 2020 – REVISED JANUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
1
Product Folder Links: SN74HCS125
SN74HCS125
SCLS784A – JUNE 2020 – REVISED JANUARY 2021
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - SN74HCS125

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HCS125 TI1-SN74HCS125 Datasheet
300Kb / 15P
SN74HCS125 Quadruple Buffer with 3-State Outputs and Schmitt-Trigger Inputs
SN74HCS125 TI-SN74HCS125 Datasheet
1Mb / 28P
SN74HCS125-Q1 Automotive Quadruple Buffer with 3-State Outputs and Schmitt-Trigger Inputs
SN74HCS125 TI-SN74HCS125 Datasheet
2Mb / 32P
SN74HCS125-Q1 Automotive Quadruple Buffer with 3-State Outputs and Schmitt-Trigger Inputs
DECEMBER 2021
SN74HCS125 TI-SN74HCS125 Datasheet
2Mb / 32P
SN74HCS125 Quadruple Buffer with 3-State Outputs and Schmitt-Trigger Inputs
DECEMBER 2021
SN74HCS125-Q1 TI1-SN74HCS125-Q1 Datasheet
301Kb / 16P
SN74HCS125-Q1 Automotive Quadruple Buffer with 3-State Outputs and Schmitt-Trigger Inputs
More results

Similar Description - SN74HCS125

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC7001 TI-SN54HC7001 Datasheet
313Kb / 9P
QUADRUPLE POSITIVE-AND GATES WITH SCHMITT-TRIGGER INPUTS
SN74HCS125-Q1 TI1-SN74HCS125-Q1 Datasheet
301Kb / 16P
SN74HCS125-Q1 Automotive Quadruple Buffer with 3-State Outputs and Schmitt-Trigger Inputs
SN74HCS125 TI1-SN74HCS125 Datasheet
300Kb / 15P
SN74HCS125 Quadruple Buffer with 3-State Outputs and Schmitt-Trigger Inputs
SN74HCS126 TI1-SN74HCS126 Datasheet
1,001Kb / 21P
SN74HCS126 Quadruple Buffer with 3-State Outputs and Schmitt-Trigger Inputs
SN74HCS126-Q1 TI1-SN74HCS126-Q1 Datasheet
459Kb / 19P
SN74HCS126-Q1 Automotive Quadruple Buffer with 3-State Outputs and Schmitt-Trigger Inputs
SN74HCS125-Q1 TI-SN74HCS125-Q1_V01 Datasheet
1Mb / 28P
SN74HCS125-Q1 Automotive Quadruple Buffer with 3-State Outputs and Schmitt-Trigger Inputs
SN74HCS125-Q1 TI-SN74HCS125-Q1_V02 Datasheet
2Mb / 32P
SN74HCS125-Q1 Automotive Quadruple Buffer with 3-State Outputs and Schmitt-Trigger Inputs
DECEMBER 2021
SN74HCS245 TI-SN74HCS245 Datasheet
1Mb / 23P
SN74HCS245 Octal Bus Transcievers with 3-State Outputs and Schmitt-Trigger Inputs
JANUARY 2022
SN74HCS125 TI-SN74HCS125_V02 Datasheet
2Mb / 32P
SN74HCS125 Quadruple Buffer with 3-State Outputs and Schmitt-Trigger Inputs
DECEMBER 2021
SN74HCS245 TI-SN74HCS245_V01 Datasheet
1Mb / 25P
SN74HCS245 Octal Bus Transceivers with 3-State Outputs and Schmitt-Trigger Inputs
REVISED OCTOBER 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com