Electronic Components Datasheet Search
  English  ▼

X  

SN74HCS259 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HCS259
Description  SN74HCS259-Q1 Automotive 8-Bit Addressable Latches with Schmitt-Trigger Inputs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74HCS259 Datasheet(HTML) 1 Page - Texas Instruments

  SN74HCS259 Datasheet HTML 1Page - Texas Instruments SN74HCS259 Datasheet HTML 2Page - Texas Instruments SN74HCS259 Datasheet HTML 3Page - Texas Instruments SN74HCS259 Datasheet HTML 4Page - Texas Instruments SN74HCS259 Datasheet HTML 5Page - Texas Instruments SN74HCS259 Datasheet HTML 6Page - Texas Instruments SN74HCS259 Datasheet HTML 7Page - Texas Instruments SN74HCS259 Datasheet HTML 8Page - Texas Instruments SN74HCS259 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
SN74HCS259-Q1 Automotive 8-Bit Addressable Latches with Schmitt-Trigger
Inputs
1 Features
• AEC-Q100 Qualified for automotive applications:
– Device temperature grade 1: –40°C to +125°C,
TA
– Device HBM ESD Classification Level 2
– Device CDM ESD Classifcation Level C6
• Wide operating voltage range: 2 V to 6 V
• Schmitt-trigger inputs allow for slow or noisy input
signals
• Low power consumption
– Typical ICC of 100 nA
– Typical input leakage current of ±100 nA
• ±7.8-mA output drive at 6 V
2 Applications
• Memory device selection with shared data bus
• Reduce required number of outputs for chip select
applications
• Route data
3 Description
The SN74HCS259-Q1 8-bit addressable latches are
designed for general-purpose storage applications in
digital systems. Specific uses include working
registers, serial-holding registers, and active-high
decoders or demultiplexers. They are multifunctional
devices capable of storing single-line data in eight
addressable latches and being a 1-of-8 decoder or
demultiplexer with active-high outputs.
Device Information
PART NUMBER
PACKAGE(1)
BODY SIZE (NOM)
SN74HCS259PW-Q1
TSSOP (16)
5.00 mm x 4.40 mm
SN74HCS259D-Q1
SOIC (16)
9.90 mm x 3.90 mm
Input Voltage
Schmitt-trigger
CMOS Input
Response
Waveforms
Standard
CMOS Input
Response
Waveforms
Input Voltage
Input Voltage
Time
Time
Input Voltage
Waveforms
Low Power
Noise Rejection
Supports Slow Inputs
Time
Time
Time
Time
Benefits of Schmitt-trigger inputs
www.ti.com
SN74HCS259-Q1
SCLS815 – JULY 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
1
Product Folder Links: SN74HCS259-Q1
SN74HCS259-Q1
SCLS815 – JULY 2020
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - SN74HCS259

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HCS259 TI-SN74HCS259 Datasheet
705Kb / 19P
SN74HCS259 8-Bit Addressable Latches with Schmitt-Trigger Inputs
SN74HCS259 TI-SN74HCS259 Datasheet
2Mb / 32P
SN74HCS259-Q1 Automotive 8-Bit Addressable Latches with Schmitt-Trigger Inputs
DECEMBER 2021
SN74HCS259 TI2-SN74HCS259 Datasheet
959Kb / 26P
SN74HCS259 8-Bit Addressable Latches with Schmitt-Trigger Inputs
SEPTEMBER 2020
SN74HCS259-Q1 TI-SN74HCS259-Q1 Datasheet
1Mb / 24P
SN74HCS259-Q1 Automotive 8-Bit Addressable Latches with Schmitt-Trigger Inputs
SN74HCS259-Q1 TI-SN74HCS259-Q1 Datasheet
2Mb / 32P
SN74HCS259-Q1 Automotive 8-Bit Addressable Latches with Schmitt-Trigger Inputs
DECEMBER 2021
More results

Similar Description - SN74HCS259

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HCS14-Q1 TI1-SN74HCS14-Q1 Datasheet
226Kb / 15P
SN74HCS14-Q1 Automotive Hex Inverter with Schmitt-Trigger Inputs
SN74HCS166-Q1 TI1-SN74HCS166-Q1 Datasheet
1,013Kb / 25P
SN74HCS166-Q1 Automotive 8-Bit Parallel-Load Shift Registers with Schmitt-Trigger Inputs
SN74HCS259-Q1 TI-SN74HCS259-Q1 Datasheet
1Mb / 24P
SN74HCS259-Q1 Automotive 8-Bit Addressable Latches with Schmitt-Trigger Inputs
SN74HCS151-Q1 TI-SN74HCS151-Q1 Datasheet
679Kb / 19P
SN74HCS151-Q1 Automotive 8-to-1 Multiplexer with Schmitt-Trigger Inputs
SN74HCS166-Q1 TI-SN74HCS166-Q1_V01 Datasheet
1Mb / 25P
SN74HCS166-Q1 Automotive 8-Bit Parallel-Load Shift Registers with Schmitt-Trigger Inputs
SN74HCS259 TI-SN74HCS259 Datasheet
705Kb / 19P
SN74HCS259 8-Bit Addressable Latches with Schmitt-Trigger Inputs
SN74HCS14-Q1 TI-SN74HCS14-Q1_V02 Datasheet
1Mb / 28P
SN74HCS14-Q1 Automotive Automotive Hex Inverter with Schmitt-Trigger Inputs
SN74HCS151-Q1 TI-SN74HCS151-Q1_V01 Datasheet
2Mb / 39P
SN74HCS151-Q1 Automotive 8-to-1 Multiplexer with Schmitt-Trigger Inputs
DECEMBER 2021
SN74HCS259-Q1 TI-SN74HCS259-Q1_V02 Datasheet
2Mb / 32P
SN74HCS259-Q1 Automotive 8-Bit Addressable Latches with Schmitt-Trigger Inputs
DECEMBER 2021
SN74HCS14-Q1 TI-SN74HCS14-Q1_V03 Datasheet
2Mb / 32P
SN74HCS14-Q1 Automotive Hex Inverter with Schmitt-Trigger Inputs
DECEMBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com