Electronic Components Datasheet Search
  English  ▼

X  

PDM1102H Datasheet(PDF) 1 Page - Nihon Inter Electronics Corporation

Part # PDM1102H
Description  MOSFET - 110A, 250V
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

PDM1102H Datasheet(HTML) 1 Page - Nihon Inter Electronics Corporation

  PDM1102H Datasheet HTML 1Page - Nihon Inter Electronics Corporation PDM1102H Datasheet HTML 2Page - Nihon Inter Electronics Corporation PDM1102H Datasheet HTML 3Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
MOSFET
110A 250V
PDM1102H
P2HM1102H
耐 圧・クラス
Grade
項
目
Rating
記 号
Symbol
PDM1102H / P2HM1102H
単位
Unit
250
ドレイン・ソース間電圧
Drain-Source Voltage
VDSS
VGS=0V
V
ゲート・ソース間電圧
Gate-Source Voltage
VGSS
±20
V
Duty=50%
110(Tc=25℃)
ドレイン電流(連続)
Continuous Drain Current
D.C.
ID
80(Tc=25℃)
A
パルスドレイン電流
Pulsed Drain Current
IDM
220(Tc=25℃)
A
全損失
Total Power Dissipation
PD
420(Tc=25℃)
W
動作接合温度範囲
Operating Junction Temperature Range
Tjw
−40∼+150℃
℃
保存温度範囲
Storage Temperature Range
Tstg
−40∼+125℃
℃
2000
絶縁耐圧
RMS Isolation Voltage
Viso
端子 - ベース間,AC1 分間 Terminals to Base, AC 1 min .
V
3.0(本体取付 Module Base to Heat sink)
締付トルク
Mounting Torque
Ftor
2.0(ネジ端子部 Bus bar to Main Terminals)
N・m
PDM1102H
PDM1102H
PDM1102H
PDM1102H
P2HM110
P2HM110
P2HM110
P2HM1102H
2H
2H
2H
質量 Approximate Weight :220g
質量 Approximate Weight :220g
■最大定格
最大定格
最大定格
最大定格
Maximum Ratings
108.0
108.0


Similar Part No. - PDM1102H

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
PDM1102H NI-PDM1102H_15 Datasheet
131Kb / 3P
MOSFET
More results

Similar Description - PDM1102H

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQP4N25 FAIRCHILD-FQP4N25 Datasheet
713Kb / 8P
250V Channel MOSFET
FQP9N25C FAIRCHILD-FQP9N25C Datasheet
1Mb / 10P
250V N-Channel MOSFET
FDPF44N25 FAIRCHILD-FDPF44N25 Datasheet
891Kb / 7P
250V N-Channel MOSFET
FQAF27N25 FAIRCHILD-FQAF27N25 Datasheet
712Kb / 8P
250V N-CHANNEL MOSFET
FDA69N25 FAIRCHILD-FDA69N25 Datasheet
665Kb / 8P
250V N-Channel MOSFET
FDB33N25 FAIRCHILD-FDB33N25_06 Datasheet
909Kb / 9P
250V N-Channel MOSFET
FDP44N25 FAIRCHILD-FDP44N25 Datasheet
465Kb / 10P
250V N-Channel MOSFET
logo
Guangdong Kexin Industr...
KQB6N25 KEXIN-KQB6N25 Datasheet
63Kb / 2P
250V N-Channel MOSFET
logo
Fairchild Semiconductor
FQD6P25TM FAIRCHILD-FQD6P25TM Datasheet
640Kb / 9P
250V P-Channel MOSFET
logo
KIA Semiconductor Techn...
3108A KIA-3108A Datasheet
470Kb / 7P
110A竊?0V N-CHANNEL MOSFET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com