Electronic Components Datasheet Search
  English  ▼

X  

TMS320F28075PZPQ Datasheet(PDF) 92 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F28075PZPQ
Description  TMS320F2807x Microcontrollers
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28075PZPQ Datasheet(HTML) 92 Page - Texas Instruments

Back Button TMS320F28075PZPQ Datasheet HTML 88Page - Texas Instruments TMS320F28075PZPQ Datasheet HTML 89Page - Texas Instruments TMS320F28075PZPQ Datasheet HTML 90Page - Texas Instruments TMS320F28075PZPQ Datasheet HTML 91Page - Texas Instruments TMS320F28075PZPQ Datasheet HTML 92Page - Texas Instruments TMS320F28075PZPQ Datasheet HTML 93Page - Texas Instruments TMS320F28075PZPQ Datasheet HTML 94Page - Texas Instruments TMS320F28075PZPQ Datasheet HTML 95Page - Texas Instruments TMS320F28075PZPQ Datasheet HTML 96Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 196 page
background image
92
TMS320F28076, TMS320F28075
SPRS902I – OCTOBER 2014 – REVISED JUNE 2020
www.ti.com
Submit Documentation Feedback
Product Folder Links: TMS320F28076 TMS320F28075
Specifications
Copyright © 2014–2020, Texas Instruments Incorporated
Table 5-47 shows the parasitic capacitance on each channel. Also, enabling a comparator adds
approximately 1.4 pF of capacitance on positive comparator inputs and 2.5 pF of capacitance on negative
comparator inputs.
(1)
The increased capacitance is due to VDAC functionality.
Table 5-47. Per-Channel Parasitic Capacitance
ADC CHANNEL
Cp (pF)
COMPARATOR DISABLED
COMPARATOR ENABLED
ADCINA0
12.9
N/A
ADCINA1
10.3
N/A
ADCINA2
5.9
7.3
ADCINA3
6.3
8.8
ADCINA4
5.9
7.3
ADCINA5
6.3
8.8
ADCINB0(1)
117.0
N/A
ADCINB1
10.6
N/A
ADCINB2
5.9
7.3
ADCINB3
6.2
8.7
ADCINB4
5.2
N/A
ADCINB5
5.1
N/A
ADCIND0
5.3
6.7
ADCIND1
5.7
8.2
ADCIND2
5.3
6.7
ADCIND3
5.6
8.1
ADCIND4
4.3
N/A
ADCIN14
8.6
10.0
ADCIN15
9.0
11.5
This input model should be used along with actual signal source impedance to determine the acquisition
window duration. See the Choosing an Acquisition Window Duration section of the TMS320F2807x
Microcontrollers Technical Reference Manual for more information.
The user should analyze the ADC input setting assuming worst-case initial conditions on Ch. This will
require assuming that Ch could start the S+H window completely charged to VREFHI or completely
discharged to VREFLO. When the ADC transitions from an odd-numbered channel to an even-numbered
channel, or vice-versa, the actual initial voltage on Ch will be close to being completely discharged to
VREFLO. For even-to-even or odd-to-odd channel transitions, the initial voltage on Ch will be close to the
voltage of the previously converted channel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com