Electronic Components Datasheet Search
  English  ▼

X  

FTK2612AD Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FTK2612AD
Description  2 0V N-Channel MOSFETs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK2612AD Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FTK2612AD Datasheet HTML 1Page - First Silicon Co., Ltd FTK2612AD Datasheet HTML 2Page - First Silicon Co., Ltd FTK2612AD Datasheet HTML 3Page - First Silicon Co., Ltd FTK2612AD Datasheet HTML 4Page - First Silicon Co., Ltd FTK2612AD Datasheet HTML 5Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
20V N-Channel MOSFETs
Static State Characteristics
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
BVDSS
Drain-Source Breakdown Voltage
VGS=0V , ID=250uA
20
---
---
V
△
BVDSS/△TJ BVDSS Temperature Coefficient
Reference to 25℃ , ID=1mA
---
0.015
----
V/℃
IDSS
Drain-Source Leakage Current
VDS=20V , VGS=0V , TJ=25℃
---
---
1
uA
VDS=16V , VGS=0V , TJ=125℃
---
---
10
uA
IGSS
Gate-Source Leakage Current
VGS=±16V , VDS=0V
---
---
±
100
nA
RDS(ON)
Static Drain-Source On-Resistance2
VGS=4.5V , ID=10A
---
14
17
mΩ
VGS=2.5V , ID=5A
---
18.5
24
mΩ
VGS(th)
Gate Threshold Voltage
VGS=VDS , ID =250uA
0.5
0.8
1.2
V
△
VGS(th)
VGS(th) Temperature Coefficient
---
-2.76
---
mV/℃
gfs
Forward Transconductance
VDS=5V , ID=5A
---
14
---
S
Qg
Total Gate Charge
VDS=10V , VGS=4.5V , ID=5A
---
5.9
12
nC
Qgs
Gate-Source Charge
---
0.7
2
Qgd
Gate-Drain Charge
---
1.8
4
Td(on)
Turn-On Delay Time
VDD=10V , VGS=4.5V , RG=3.3Ω
ID=1A
---
4.8
10
ns
Tr
Rise Time
---
7.5
15
Td(off)
Turn-Off Delay Time
---
16.5
32
Tf
Fall Time
---
4.8
10
Ciss
Input Capacitance
VDS=10V , VGS=0V , F=1MHz
---
775
1440
pF
Coss
Output Capacitance
---
95
190
Crss
Reverse Transfer Capacitance
---
58
120
Rg
Gate resistance
VGS=0V, VDS=0V, F=1MHz
---
2.2
---
Ω
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
IS
Continuous Source Current
VG=VD=0V , Force Current
---
---
30
A
ISM
Pulsed Source Current2
---
---
60
A
VSD
Diode Forward Voltage2
VGS=0V , IS=1A , TJ=25℃
---
---
1
V
Note :
1.
Repetitive Rating : Pulsed width limited by maximum junction temperature.
2.
The data tested by pulsed , pulse width ≦300us , duty cycle ≦2%.
3.
Essentially independent of operating temperature.
Electrical Characteristics (TJ=25 ℃, unless otherwise noted)
Drain - Source Diode Characteristics
Dynamic Characteristics
FTK2612AD
2018. 04. 25
2/5
Revision No : 0



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com