Electronic Components Datasheet Search
  English  ▼

X  

FTK2501DFN22 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FTK2501DFN22
Description  20V P-Channel Enhancement-Mode MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK2501DFN22 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FTK2501DFN22 Datasheet HTML 1Page - First Silicon Co., Ltd FTK2501DFN22 Datasheet HTML 2Page - First Silicon Co., Ltd FTK2501DFN22 Datasheet HTML 3Page - First Silicon Co., Ltd FTK2501DFN22 Datasheet HTML 4Page - First Silicon Co., Ltd FTK2501DFN22 Datasheet HTML 5Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SEMICONDUCTOR
TECHNICAL DATA
FTK2501DFN2020
2017. 3. 18
1/5
Revision No : 0
20V P-Channel Enhancement-Mode MOSFET
1
Ordering Information
Device
Marking
Shipping
l
e
e
R
&
e
p
a
T
/
0
0
0
3
2
3
FEATURES
● RDS(ON) ≤110
mΩ @ VGS=-4.5V
● RDS(ON) ≤150
mΩ @ VGS=-2.5V
● Super high density cell design for extremely low RDS(ON)
APPLICATIONS
● Power Management in Note book
● Portable Equipment
● Battery Powered System
● Load Switch
● DSC
FTK2501DFN2020
1B
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDSS
-20
V
Gate-Source Voltage
VGSS
±8
V
TA=25℃
8
.
2
-
Continuous Drain Current
(Tj=150℃)*
TA=70℃
ID
-2.0
A
Pulsed Drain Current
IDM
-10
A
TA=25℃
7
.
0
Maximum Power Dissipation
TA=70℃
PD
0.45
W
Operating Junction Temperature
TJ
-55 to 150
℃
Storage Temperature Range
Tstg
-55 to 150
℃
Typical
Maximum
Thermal Resistance-Junction to Ambient*
R
θJA
100
175
℃/W
Absolute Maximum Ratings (TA=25℃ Unless Otherwise Noted)
e * The device mounted on 1in
2 FR4 board with 2 oz copper
● We declare that the material of product are Halogen Free and
compliance with RoHS requirements.
DFN2020-6
1B = Specific Device Code
M = Date Code
= Pb−Free Package
1B
1
MARKING DIAGRAM
(*Note: Microdot may be in either location)
Pin 1
D
S
(Top View)
PIN CONNECTIONS


Similar Part No. - FTK2501DFN22

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTK2500NSOT883 FS-FTK2500NSOT883 Datasheet
491Kb / 5P
20V Single N-channel Trench MOSFET
More results

Similar Description - FTK2501DFN22

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXM62P02E6 ZETEX-ZXM62P02E6 Datasheet
203Kb / 7P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXM64P02X ZETEX-ZXM64P02X Datasheet
205Kb / 7P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM2301 TSC-TSM2301 Datasheet
169Kb / 5P
20V P-Channel Enhancement Mode MOSFET
logo
Pan Jit International I...
PJA63P02 PANJIT-PJA63P02 Datasheet
204Kb / 6P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Leshan Radio Company
LP2301ALT1G LRC-LP2301ALT1G_15 Datasheet
1Mb / 5P
20V P-Channel Enhancement-Mode MOSFET
logo
Diodes Incorporated
DMP21D0UT DIODES-DMP21D0UT_15 Datasheet
170Kb / 7P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMP22D4UFA DIODES-DMP22D4UFA_15 Datasheet
159Kb / 6P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
logo
Pan Jit International I...
PJA3415 PANJIT-PJA3415 Datasheet
227Kb / 6P
20V P-Channel Enhancement Mode MOSFET
PJA3415A PANJIT-PJA3415A Datasheet
298Kb / 6P
20V P-Channel Enhancement Mode MOSFET
PJS6415 PANJIT-PJS6415 Datasheet
297Kb / 6P
20V P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com