Electronic Components Datasheet Search
  English  ▼

X  

XIO2000AZAV Datasheet(PDF) 83 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2000AZAV
Description  XIO2000A/XIO2000AI PCI Express to PCI Bus Translation Bridge
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2000AZAV Datasheet(HTML) 83 Page - Texas Instruments

Back Button XIO2000AZAV Datasheet HTML 79Page - Texas Instruments XIO2000AZAV Datasheet HTML 80Page - Texas Instruments XIO2000AZAV Datasheet HTML 81Page - Texas Instruments XIO2000AZAV Datasheet HTML 82Page - Texas Instruments XIO2000AZAV Datasheet HTML 83Page - Texas Instruments XIO2000AZAV Datasheet HTML 84Page - Texas Instruments XIO2000AZAV Datasheet HTML 85Page - Texas Instruments XIO2000AZAV Datasheet HTML 86Page - Texas Instruments XIO2000AZAV Datasheet HTML 87Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 165 page
background image
Classic PCI Configuration Space
74
April 2007 Revised October 2008
SCPS155C
4.52 Link Capabilities Register
The link capabilities register indicates the link specific capabilities of the bridge. See Table 4−28 for a complete
description of the register contents.
PCI register offset:
9Ch
Register type:
Read-only
Default value:
0002 XC11h
BIT NUMBER
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
RESET STATE
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1
0
BIT NUMBER
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESET STATE
0
x
x
x
1
1
0
0
0
0
0
1
0
0
0
1
Table 4−28. Link Capabilities Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
31:24
PORT_NUM
R
Port number. This field indicates port number for the PCI Express link. This field is read-only 00h
indicating that the link is associated with port 0.
23:18
RSVD
R
Reserved. Returns 00 0000b when read.
17:15
L1_LATENCY
R
L1 exit latency. This field indicates the time that it takes to transition from the L1 state to the L0
state. Bit 6 (CCC) in the link control register (offset A0h, see Section 4.53) equals 1b for a common
clock and equals 0b for an asynchronous clock.
For a common reference clock, the value of this field is determined by bits 20:18
(L1_EXIT_LAT_ASYNC) of the control and diagnostic register 1 (offset C4h, see Section 4.62).
For an asynchronous reference clock, the value of this field is determined by bits 17:15
(L1_EXIT_LAT_COMMON) of the control and diagnostic register 1 (offset C4h, see Section 4.62).
14:12
L0S_LATENCY
R
L0s exit latency. This field indicates the time that it takes to transition from the L0s state to the L0
state. Bit 6 (CCC) in the link control register (offset A0h, see Section 4.53) equals 1b for a common
clock and equals 0b for an asynchronous clock.
For a common reference clock, the value of 011b indicates that the L1 exit latency falls between
256 ns to less than 512 ns.
For an asynchronous reference clock, the value of 100b indicates that the L1 exit latency falls
between 512 ns to less than 1
µs.
11:10
ASLPMS
R
Active state link PM support. This field indicates the level of active state power management that
the bridge supports. The value 11b indicates support for both L0s and L1 through active state
power management.
9:4
MLW
R
Maximum link width. This field is encoded 00 0001b to indicate that the bridge only supports a 1x
PCI Express link.
3:0
MLS
R
Maximum link speed. This field is encoded 1h to indicate that the bridge supports a maximum link
speed of 2.5 Gb/s.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com