Electronic Components Datasheet Search
  English  ▼

X  

ZSSC3154 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ZSSC3154
Description  Automotive Sensor Signal Conditioner with Dual Analog Output
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC3154 Datasheet(HTML) 1 Page - Renesas Technology Corp

  ZSSC3154 Datasheet HTML 1Page - Renesas Technology Corp ZSSC3154 Datasheet HTML 2Page - Renesas Technology Corp ZSSC3154 Datasheet HTML 3Page - Renesas Technology Corp ZSSC3154 Datasheet HTML 4Page - Renesas Technology Corp ZSSC3154 Datasheet HTML 5Page - Renesas Technology Corp ZSSC3154 Datasheet HTML 6Page - Renesas Technology Corp ZSSC3154 Datasheet HTML 7Page - Renesas Technology Corp ZSSC3154 Datasheet HTML 8Page - Renesas Technology Corp ZSSC3154 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
Automotive Sensor Signal
Conditioner with Dual Analog Output
ZSSC3154
Datasheet
© 2016 Integrated Device Technology, Inc.
1
January 22, 2016
Brief Description
The ZSSC3154 is an integrated circuit for highly
accurate amplification and sensor-specific correction
of a bridge sensor signal. Up to two temperature
sensors can also be read in parallel.
The circuitry provides different configurations of the
analog outputs to show two measurement results
simultaneously. This also allows generating a com-
plementary bridge sensor signal, which is often a
requirement in safety-relevant applications.
The ZSSC3154 can measure and process two exter-
nal temperature sensors to compensate the temper-
ature drift of the bridge sensor signal and to output a
separate temperature signal.
An integrated calibration microcontroller with an on-
chip EEPROM performs the digital compensation of
the sensor offset, the sensitivity, the temperature
drift, and the nonlinearity of a sensor signal.
The single-pass, digital end-of-line calibration com-
bined with the integrated broken-chip detection sup-
ports automatic and highly efficient mass production.
Features
• Differential bridge sensor input
• Half-bridge sensor or temperature sensor input
• Digital compensation of offset, gain, nonlinearity,
and temperature dependency
• Two analog outputs; behavior programmable by
EEPROM configuration
• Sequential analog output mode provides two
measurement values at one output pin
• On-chip diagnostic and safety features including
sensor connection diagnostic and broken-chip
detection
• 2 EEPROM words for arbitrary user data
• Multiple configurable output options
Benefits
• Bridge sensor signal validation for safety
applications via two antivalent analog outputs or
via half-bridge sensor measurement output
• Simultaneous measurement of sensor signals,
including temperature signal for compensation
and for temperature output
• Efficient use of non-calibrated elements for
bridge sensors and temperature sensors without
external trimming components
• Single-pass end-of-line calibration algorithm
minimizes production costs
• Excellent EMC/ESD robustness and AEC-Q100
qualification
Available Support
• Evaluation Kit
• Application Notes
• Calculation Tools
Physical Characteristics
• Supply voltage: 4.5 to 5.5V
• Maximum supply voltage: 7.7V
• Input span: 1.8 to 267mV/V
• ADC resolution: 14 bit
• Output resolution: > 12 bit from 10% to 90%
• Operating temperature range: -40°C to 150°C
• Package: QFN32 (5x5mm; wettable flank) or die
ZSSC3154 Basic Circuit
VCC
GND
VDDA
VSSA
SDA
SCL
VDD
AOUT1
VDDE
VTN1
VBP
VBN
VSSE
VBR_T
VBR_B
AOUT2
AOUT1
AOUT2
VTN2
DFBH


Similar Part No. - ZSSC3154

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZSSC3154 ETC2-ZSSC3154 Datasheet
1Mb / 24P
Automotive Sensor Signal Conditioner with Dual Analog Output
logo
Integrated Device Techn...
ZSSC3154 IDT-ZSSC3154 Datasheet
341Kb / 28P
Automotive Sensor Signal Conditioner with Dual Analog Output
logo
Renesas Technology Corp
ZSSC3154 RENESAS-ZSSC3154 Datasheet
566Kb / 20P
Automotive Sensor Signal Conditioner with Dual Analog Output
Apr 19, 2024
logo
Integrated Device Techn...
ZSSC3154BA1B IDT-ZSSC3154BA1B Datasheet
341Kb / 28P
Automotive Sensor Signal Conditioner with Dual Analog Output
logo
Renesas Technology Corp
ZSSC3154BA1B RENESAS-ZSSC3154BA1B Datasheet
566Kb / 20P
Automotive Sensor Signal Conditioner with Dual Analog Output
Apr 19, 2024
More results

Similar Description - ZSSC3154

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZSC31015 ETC2-ZSC31015 Datasheet
1Mb / 53P
RBicdLite Analog Output Sensor Signal Conditioner with Diagnostic Features
ZSSC3154 ETC2-ZSSC3154 Datasheet
1Mb / 24P
Automotive Sensor Signal Conditioner with Dual Analog Output
logo
Integrated Device Techn...
ZSC31015 IDT-ZSC31015 Datasheet
907Kb / 52P
Analog Output Sensor Signal Conditioner with Diagnostic Features
ZSC31010 IDT-ZSC31010 Datasheet
436Kb / 43P
Analog Output Sensor Signal Conditioner
ZSSC3154 IDT-ZSSC3154 Datasheet
341Kb / 28P
Automotive Sensor Signal Conditioner with Dual Analog Output
logo
Renesas Technology Corp
ZSC31010 RENESAS-ZSC31010 Datasheet
575Kb / 44P
RBicLiteTM Analog Output Sensor Signal Conditioner
ZSC31015 RENESAS-ZSC31015 Datasheet
1Mb / 53P
RBicdLite??Analog Output Sensor Signal Conditioner with Diagnostic Features
ZSSC4151 RENESAS-ZSSC4151 Datasheet
641Kb / 14P
Automotive Sensor Signal Conditioner with Analog Output
ZSSC4169 RENESAS-ZSSC4169 Datasheet
337Kb / 3P
Automotive Resistive Sensor Signal Conditioner with SENT Output
ZSSC4151C RENESAS-ZSSC4151C Datasheet
1Mb / 33P
Automotive Sensor Signal Conditioner with Analog Output
March 25, 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com