Electronic Components Datasheet Search
  English  ▼

X  

ZSSC3218 Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # ZSSC3218
Description  High-End 18-Bit Sensor Signal Conditioner
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC3218 Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button ZSSC3218 Datasheet HTML 19Page - Renesas Technology Corp ZSSC3218 Datasheet HTML 20Page - Renesas Technology Corp ZSSC3218 Datasheet HTML 21Page - Renesas Technology Corp ZSSC3218 Datasheet HTML 22Page - Renesas Technology Corp ZSSC3218 Datasheet HTML 23Page - Renesas Technology Corp ZSSC3218 Datasheet HTML 24Page - Renesas Technology Corp ZSSC3218 Datasheet HTML 25Page - Renesas Technology Corp ZSSC3218 Datasheet HTML 26Page - Renesas Technology Corp ZSSC3218 Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 56 page
background image
ZSSC3218 Datasheet
© 2016 Integrated Device Technology, Inc.
23
April 20, 2016
Figure 3.3
Operational Flow Chart: Command Mode and Normal Mode (Sleep and Cyclic)
Sleep Mode
Receive: Command
Start_NOM
Execute: Command
HV Operation
LV Operation
Color Legend:
CMD==Start_CM
yes
no
Get Command from HV
Command Mode
Case (Command)
REGULAR_CMD
INVALID_CMD
CM active
Start LV
End LV
CM inactive
Execute: Command
Case (Command)
REGULAR_CMD
Cyclic Measurement?
yes
no
Count Waiting Period
Power Down all LV
Except Oscillator
Safe Command and
SETUP_LV
Power up all LV
INVALID_CMD
CYCLIC_ACTIVE!
to HV
CYCLIC_ACTIVE?
no
New Measurement
Command or
STOP_CYCLE?
yes
Do: SETUP_LV
no
STOP_CYCLE
Reset LV
SETUP_LV:= New
Command’s Setup
New command
Keep Existing
SETUP_LV
Cyclic Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com