Electronic Components Datasheet Search
  English  ▼

X  

ZSSC3230 Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # ZSSC3230
Description  Capacitive Sensor Signal Conditioner IC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC3230 Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button ZSSC3230 Datasheet HTML 19Page - Renesas Technology Corp ZSSC3230 Datasheet HTML 20Page - Renesas Technology Corp ZSSC3230 Datasheet HTML 21Page - Renesas Technology Corp ZSSC3230 Datasheet HTML 22Page - Renesas Technology Corp ZSSC3230 Datasheet HTML 23Page - Renesas Technology Corp ZSSC3230 Datasheet HTML 24Page - Renesas Technology Corp ZSSC3230 Datasheet HTML 25Page - Renesas Technology Corp ZSSC3230 Datasheet HTML 26Page - Renesas Technology Corp ZSSC3230 Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 39 page
background image
ZSSC3230 Datasheet
© 2019 Integrated Device Technology, Inc.
23
October 15, 2019
Figure 15. I2C Read Data
S
SlaveAddr
1 A
Status
A
MemDat
<15:8>
A
MemDat
<7:0>
N P
S
SlaveAddr
1 A
Status
A
SensorDat
<15:8>
A
SensorDat
<7:0>
N P
A
TempDat
<15:8>
A
TempDat
<7:0>
Read Data (I2C Read)
(a) Example: after the completion of a Memory Read command
read
(b) Example: after the completion of a Measure command (AAHEX)
read
A
SensorDat
<23:16>
TempDat
<23:16>
A
Figure 16. I2C Read Status
S
SlaveAddr
1 A
Status
N P
Read Status (I2C Read)
read
Table 11. I2C Interface Parameters
Symbol
Parameter
Conditions
Minimum
Typical
Maximum
Units
fSCL
Interface clock
0.1
–
3.4
MHz
DSPI
Duty cycle
33
–
50
%
Vhigh,I2C
Input HIGH level voltage
Referenced to the external supply voltage VDD
0.7
–
1.0
VDD
Vlow,I2C
Input LOW level voltage
0.0
–
0.3
VDD
CSDA
Capacitive load at input
pin, SDA
100pF  maximum for Standard and
Fast Mode; in High-Speed Mode
fSCL,max = 3.4MHz
400pF  only in High-Speed Mode,
fSCL,max = 1.7MHz
–
100
400
pF
IOL
LOW level output current
VSDA=0.4V, Standard and Fast Mode with
400kHz; 400pF load
3
6
40
mA
Details for timing and protocol of the ZSSC3230-supported I2C communication in Standard Mode, Fast Mode, and High-Speed Mode are given
in the I2C-Bus Specification, Rev.6, UM10204.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com