Electronic Components Datasheet Search
  English  ▼

X  

AF3109-2 Datasheet(PDF) 2 Page - 3M Electronics

Part # AF3109-2
Description  Scotch-WeldTM Structural Adhesive Film
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

AF3109-2 Datasheet(HTML) 2 Page - 3M Electronics

  AF3109-2 Datasheet HTML 1Page - 3M Electronics AF3109-2 Datasheet HTML 2Page - 3M Electronics AF3109-2 Datasheet HTML 3Page - 3M Electronics AF3109-2 Datasheet HTML 4Page - 3M Electronics AF3109-2 Datasheet HTML 5Page - 3M Electronics AF3109-2 Datasheet HTML 6Page - 3M Electronics AF3109-2 Datasheet HTML 7Page - 3M Electronics AF3109-2 Datasheet HTML 8Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Scotch-WeldTM
Structural Adhesive Film
AF 3109-2
- 2 -
3. Metal to Metal – Floating Roller Peel
Peel strength was measured on 1/2" wide specimens cut from 3" x 8" x .063" 2024-T3 bare aluminum
panels bonded to 3" x 10" x .025" 2024-T3 bare peeling panel.
Scotch-Weld
Scotch-Weld
Scotch-Weld
Scotch-Weld
Scotch-Weld
AF 3109-2K
AF 3109-2K
AF 3109-2K
AF 3109-2U
AF 3109-2U
0.085 Wt.
0.060 Wt.
0.045 Wt.
0.035 Wt.
0.015 Wt.
Scotch-Weld
Scotch-Weld
Scotch-Weld
Scotch-Weld
Scotch-Weld
Test Temperature
EC-3960
EC-3960
EC-3960
EC-3960
EC-3960
°F (°C)
piw
(N/25mm)
piw
(N/25mm)
piw (N/25mm)
piw
(N/25mm)
piw (N/25mm)
-67 (-55)
48
(214)
—
—
—
—
45
(200)
—
—
75 (23)
45
(200)
49
(218)
48
(214)
29
(129)
28
(125)
300 (149)
25
(111)
—
—
—
—
23
(102)
—
—
2. Metal to Metal – Blister Detection
Properties measured on 1" x 7" blister detection specimens with a 0.218" notch cut to form the 1/2"
overlap. Aluminum was 0.063" 2024-T3 bare.
Scotch-Weld AF 3109-2K
0.085 Wt.
Test Temperature
Scotch-Weld EC-3960
°F (°C)
psi
(MPa)
75 (23)
4307
(29.7)
270 (132)
3167
(21.8)
300 (149)
1860
(12.8)
Typical Product
Performance
Note: The following technical information and data should be considered representative
or typical only and should not be used for specification purposes.
All data in this section was developed using 3M™ Scotch-Weld™ Structural Adhesive
Primer EC-3960 primed aluminum panels and an adhesive cure cycle of 60 minutes at
250°F (121°C) and 40 psi. A 4-5°F (2-3°C)/minute rise rate to cure temperature was used.
Parts were cooled below 200°F (93°C) before removing from autoclave.
1. Metal to Metal – Overlap Shear
All properties were measured on 1" wide, 1/2" overlap specimens cut from 0.063" thick 4" x 7" bonded
panels of 2024-T3 alclad aluminum. Tests were conducted per MMM-A-132.
Scotch-Weld
Scotch-Weld
Scotch-Weld
Scotch-Weld
Scotch-Weld
AF 3109-2K
AF 3109-2K
AF 3109-2K
AF 3109-2U
AF 3109-2U
0.085 Wt.
0.060 Wt.
0.045 Wt.
0.035 Wt.
0.015 Wt.
Scotch-Weld
Scotch-Weld
Scotch-Weld
Scotch-Weld
Scotch-Weld
Temperature
EC-3960
EC-3960
EC-3960
EC-3960
EC-3960
°F (°C)
psi
(MPa)
psi
(MPa)
psi
(MPa)
psi
(MPa)
psi
(MPa)
-67 (-55)
5200
(35.9)
5500
(37.9)
5700
(39.3)
5970
(41.2)
5270
(36.3)
75 (23)
6075
(41.9)
5800
(40.0)
5800
(40.0)
5600
(38.6)
5340
(36.8)
250 (121)
3500
(24.1)
3400
(23.4)
2750
(19.0)
3100
(21.4)
3200
(22.1)
300 (150)
1740
(12.0)
1600
(11.0)
1400
(9.7)
1833
(12.6)
2000
(13.8)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com