Electronic Components Datasheet Search
  English  ▼

X  

AF536 Datasheet(PDF) 1 Page - 3M Electronics

Part # AF536
Description  3M™ Scotch-Weld™ Composite Surfacing and Lightning Protection Film
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

AF536 Datasheet(HTML) 1 Page - 3M Electronics

  AF536 Datasheet HTML 1Page - 3M Electronics AF536 Datasheet HTML 2Page - 3M Electronics AF536 Datasheet HTML 3Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product Description
Color
Translucent white
Protective Liners
Blue polypropylene on one side,
paper on the other
Shop Handling
Drapeable and conformable at
room temperature
Tack
Will adhere to release coated
tools at room temperature
Repositionable
Does not adhere to itself for
several seconds
Electrical
Resistance
Product Configuration
Film and
Veil Weight
Conductor Weight
Prepreg Weight
Nominal
Thickness
Down-
Web
(mΩ)
Cross-
Web
(mΩ)
AF 536, 100 SUR 000
100 g/m2 (0.02 lb/ft2)
-
100 g/m2 (0.02 lb/ft2)
0.11 mm (0.004")
-
-
AF 536, 077 SUR 000
77 g/m2 (0.016 lb/ft2)
-
77 g/m2 (0.016 lb/ft2)
0.08 mm (0.003")
-
-
AF 536, 173 ECF 073
100 g/m2 (0.02 lb/ft2)
73 g/m2 (0.015 lb/ft2)
173 g/m2 (0.035 lb/ft2)
0.12 mm (0.005")
12.0
3.1
AF 536, 223 ECF 073
150 g/m2 (0.031 lb/ft2)
73 g/m2 (0.015 lb/ft2)
223 g/m2 (0.046 lb/ft2)
0.17 mm (0.007")
12.0
3.1
AF 536, 150 ECF 073
77 g/m2 (0.016 lb/ft2)
73 g/m2 (0.015 lb/ft2)
150 g/m2 (0.031 lb/ft2)
0.09 mm (0.004")
12.0
3.1
AF 536, 137 PCF 060* 77 g/m2 (0.016 lb/ft2)
60 g/m2 (0.012 lb/ft2)
137 g/m2 (0.028 lb/ft2)
0.08 mm (0.003")
6.0
3.1
AF 536, 292 ECF 142
150 g/m2 (0.031 lb/ft2)
142 g/m2 (0.029 lb/ft2)
292 g/m2 (0.06 lb/ft2)
0.18 mm (0.007")
4.8
1.6
AF 536, 215 PCF 115** 100 g/m2 (0.02 lb/ft2)
115 g/m2 (0.024 lb/ft2)
215 g/m2 (0.043 lb/ft2)
0.12 mm (0.005")
3.2
1.6
July 2019
3M™ Scotch-Weld™ Composite Surfacing
and Lightning Protection Film AF 536
Technical Data Sheet
Introduction
3M™ Scotch-Weld™ Composite Surfacing and Lightning Protection Film
AF 536 is a thermosetting, modified epoxy Composite Surfacing Film,
designed for general purpose surfacing of composite structures.
• Excellent compatibility with most composite materials. Cure
temperature: 120°C (250°F) - 177°C (350°F).
• Provides a smooth void-free surface minimizing pre-paint preparation.
• Paint stripper resistance maintains superior surface quality.
• Smooth, glossy finish, and translucent for easy examination of
underlying composite materials.
• Excellent handling traits and repositioning ability.
• Available with or without lightning protection conductor.
AF 536 Product Description
Properties
*Compare to AF 536, 173 ECF 073
**Compare to AF 536, 292 ECF 142
For custom conductors or film weight, contact 3M.


Similar Part No. - AF536

ManufacturerPart #DatasheetDescription
logo
Same Sky Devices
AF500 SAMESKY-AF500 Datasheet
152Kb / 2P
THERMAL PAD
09/12/2024
logo
List of Unclassifed Man...
AF5000 ETC1-AF5000 Datasheet
294Kb / 1P
AF1000 TO 6000
logo
SMC Corporation.
AF50P-050AS SMC-CORP-AF50P-050AS Datasheet
398Kb / 5P
Drain Separator for Vacuum
logo
List of Unclassifed Man...
AF512CFI-7ACXP ETC1-AF512CFI-7ACXP Datasheet
1Mb / 68P
ATP Industrial Grade CompactFlashCard Specification
AF512SDI ETC1-AF512SDI Datasheet
2Mb / 81P
ATP Industrial Grade SD Card Specification
More results

Similar Description - AF536

ManufacturerPart #DatasheetDescription
logo
3M Electronics
DP600NS 3M-DP600NS Datasheet
343Kb / 12P
3M™ Scotch-Weld™ Urethane
using
DP640 3M-DP640 Datasheet
148Kb / 6P
3M™ Scotch-Weld™ Urethane Adhesive
Feb-2019
1838B 3M-1838B Datasheet
140Kb / 6P
3M™ Scotch-Weld™ Epoxy Adhesive
Feb-2016
EC-3542 3M-EC-3542 Datasheet
279Kb / 6P
3M™ Scotch-Weld™ Epoxy Adhesive
Dec-2020
EC-2815 3M-EC-2815 Datasheet
291Kb / 7P
3M??Scotch-Weld??Epoxy Adhesive
AF555 3M-AF555 Datasheet
1Mb / 15P
3M Scotch-Weld??Structural Adhesive Film
AF325 3M-AF325 Datasheet
115Kb / 4P
Scotch-WeldTM Low Density Composite Surfacing Film
Jan-2011
EC-5816 3M-EC-5816 Datasheet
220Kb / 4P
3M??Scotch-Weld??Elastomeric Coating
EC-3549 3M-EC-3549 Datasheet
369Kb / 5P
3M??Scotch-Weld??Urethane Adhesive
EC-3501 3M-EC-3501 Datasheet
328Kb / 6P
3M™ Scotch-Weld™ Epoxy Adhesives
Dec-2020
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com