Electronic Components Datasheet Search
  English  ▼

X  

MAX5457EEE Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX5457EEE
Description  Stereo Audio Taper Potentiometers with Pushbutton Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5457EEE Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX5457EEE Datasheet HTML 8Page - Maxim Integrated Products MAX5457EEE Datasheet HTML 9Page - Maxim Integrated Products MAX5457EEE Datasheet HTML 10Page - Maxim Integrated Products MAX5457EEE Datasheet HTML 11Page - Maxim Integrated Products MAX5457EEE Datasheet HTML 12Page - Maxim Integrated Products MAX5457EEE Datasheet HTML 13Page - Maxim Integrated Products MAX5457EEE Datasheet HTML 14Page - Maxim Integrated Products MAX5457EEE Datasheet HTML 15Page - Maxim Integrated Products MAX5457EEE Datasheet HTML 16Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
Stereo Audio Taper Potentiometers
with Pushbutton Interface
12
______________________________________________________________________________________
Mode Control,
MODE
The MAX5457 MODE input toggles between volume-
and balance-control modes. Force MODE low to toggle
between volume-control and balance-control modes.
For example, driving MODE low once while in volume-
control mode, switches the MAX5457 to balance-con-
trol mode. Driving mode low once again, switches the
MAX5457 back to volume-control mode. MODE is inter-
nally pulled high with a 50k
Ω resistor to VLOGIC. The
MAX5457 powers up in volume-control mode.
Mode Indicator, MODE_IND
MODE_IND is the volume-control and balance-control
mode indicator with an open-drain output. Connect
MODE_IND to an LED through a pullup resistor to
VLOGIC.When the LED is on, the MAX5457 is in balance-
control mode. When the LED is off, the MAX5457 is in
volume-control mode. See the Mode Control, MODE sec-
tion for more detail on switching between modes.
Shutdown does not affect the state of MODE_IND.
Multiple Button Pushes
The MAX5456/MAX5457 do not respond to simultane-
ous button pushes. Pushing more than one button at the
same time stops the wipers in their present states. Only
a single button push configures the device. Additionally,
a 40ms blocking period affects all other inputs when
releasing any input forced low. The MAX5456/MAX5457
do not respond to any logic input until the blocking peri-
od ends. If multiple wiper-control buttons are pressed,
all wiper-control connections must be released before
the part will respond to further commands.
Applications Information
Stereo Volume/Balance Control
Figure 6 shows a volume/balance application using the
MAX5457. The op amp is connected in a follower (non-
inverting gain) configuration to isolate the potentiome-
ter’s wiper impedance from the load and provide drive
capability. Connect the W_ of the MAX5457 to the posi-
tive input of a noninverting gain amp. The pushbutton
potentiometers attenuate the input signals. Use the
MODE input to switch between volume-control and bal-
ance-control modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com