Electronic Components Datasheet Search
  English  ▼

X  

AF30 Datasheet(PDF) 10 Page - 3M Electronics

Part # AF30
Description  3m Scotch-WeldTM Structural Adhesive Film
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

AF30 Datasheet(HTML) 10 Page - 3M Electronics

Back Button AF30 Datasheet HTML 4Page - 3M Electronics AF30 Datasheet HTML 5Page - 3M Electronics AF30 Datasheet HTML 6Page - 3M Electronics AF30 Datasheet HTML 7Page - 3M Electronics AF30 Datasheet HTML 8Page - 3M Electronics AF30 Datasheet HTML 9Page - 3M Electronics AF30 Datasheet HTML 10Page - 3M Electronics AF30 Datasheet HTML 11Page - 3M Electronics AF30 Datasheet HTML 12Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Scotch-WeldTM
Structural Adhesive Film
AF 30 (5, 10 and 12 mil)
- 10 -
Product Application (continued)
Cure Temperature
The cure temperature may be varied from 250°F to 450°F (121°C to 232°C), depending upon the materials being
bonded, equipment available and bond properties desired. The desired pressure must be applied before the glue line
reaches 160°F (71°C). The film will soften as temperature is increased to 180-210°F (82-98.9°C) and will wet the
surface to which it has been applied. A chemical cure will be initiated between 220°F and 270°F (104°C and 132°C)
and a low strength gel formed. Continued heating chemically converts this gel into a high strength, solvent resistant
bond. 3M™ Scotch-Weld™ Structural Adhesive Film AF 30 will change color only slightly upon application of
heat. Edges of the bond which are exposed to air will change from yellow to rusty brown.
Cure Time
Cure time depends on the cure temperature used, methods of heat application, production limitations and bond
properties required. Since no two bonding operations are exactly alike, it is suggested that a few simple experiments
be conducted, varying both temperature and cure time to determine optimum conditions for the particular application.
Figure II is a guide from which an approximate cure cycle can be taken for various cure times or temperatures.
90
300°F
(149°C)
Cure Time (Minutes)
A. Optimum bond properties (creep
resistance, high temperature strength,
environmental resistance, etc.)
B. General purpose bond properties
(shear strength over 2000 psi (13.8 MPa)
@ 73.5°F ± 2°F (23.1°C ± 1.1°C)
C. Cure Initiation Temperature.
A
B
C
100
80
70
60
50
40
30
20
10
0
350°F
(177°C)
400°F
(204°C)
450°F
(232°C)
Figure II
Suggested Cure Cycle
The following press cure cycle is suggested to obtain dense glue lines.
1. Apply a pressure of 100 psi (689 MPa) prior to reaching a bond line temperature of 150°F (66°C) and maintain
throughout the press cure cycle.
2. Raise the bond line temperature from ambient to 350°F (177°C) at a rate of 10°F-12°F (5.6°C-6.7°C) per minute.
3. Cure for 60°F ± 1 minute at 350°F (177°C).
4. Cool to below 200°F (93°C)/bond line temperature prior to release of pressure. (In lab tests, panels have been
removed at 350°F (177°C) with no adverse effects.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com