Electronic Components Datasheet Search
  English  ▼

X  

AC-251 Datasheet(PDF) 2 Page - 3M Electronics

Part # AC-251
Description  3M™ Aerospace Sealant AC-251 Black Class B
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

AC-251 Datasheet(HTML) 2 Page - 3M Electronics

  AC-251 Datasheet HTML 1Page - 3M Electronics AC-251 Datasheet HTML 2Page - 3M Electronics AC-251 Datasheet HTML 3Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
3M
™ Aerospace Sealant AC-251 Black Class B
Health and Safety Precaution
3M™ Aerospace Sealant AC-251 Black Class B are safe to use
and apply when recommended precautions are followed. Before
using this product, read and understand the Material Safety Data
Sheet (MSDS), which provides information on health, physical
and environmental hazards, handling precautions and first aid
recommendations. An MSDS is available on request.
Storage
The shelf life of 3M™ Aerospace Sealant AC-251 Black Class B
is 9 months from date of packaging, when stored at temperatures
below 80°F in its original container. Pre-mixed and frozen sealant
has a shelf life dependant upon the storage temperature.
Mixed 3M AC-251 Black Class B Sealants may be stored under
refrigeration as follows:
15 days at -10°F
30 days at -40°F
It is important to remember that freezing, storing and thawing
procedures reduce application life. In addition, frozen storage
will reduce application life by varying amounts depending on
the storage temperature and length of storage time. All aspects
of storage, freezing and thawing should be planned carefully
and it is not recommended to mix and freeze with less than
1/2-hour application time.
- 2 -
Typical Values of 3M
™ Aerospace Sealant
AC-251 Black Class B
Conditioning
Requirements
Results
Standard Cure - 14 days
200 psi / 200%
350 psi / 370%
7 days @ 250°F
125 psi / 100%
310 psi / 300%
Tensile Strength and % Elongation
*Specification requirement - 20 lbs./100% cohesion, wire mesh.
**Cleaned with Isopropyl alcohol and tested with 3M™ Adhesion Promoter
AC-137 Red or Clear.
Load %
Substrate
Conditioning
Cohesion
MIL-G-25667
Standard Cure
50 lbs./100%
(Glass)
7 days @ 140°F
48 lbs./100%
MIL-P-8184
Standard Cure
38 lbs./100%
(Acrylic)**
7 days @ 140°F
41 lbs./100%
MIL-P-5424
Standard Cure
35 lbs./100%
(Acrylic)**
7 days @ 140°F
38 lbs./100%
MIL-P-83310
Standard Cure
35 lbs./100%
(Polycarbonate)**
7 days @ 140°F
33 lbs./100%
MIL-T-9046
Standard Cure
44 lbs./100%
(Titanium)
7 days @ 140°F
39 lbs./100%
AMS 2471
Standard Cure
38 lbs./100%
(Anodized Al)
7 days @ 140°F
38 lbs./100%
AMS 5516
Standard Cure
53 lbs./100%
(Stainless Steel)
7 days @ 140°F
46 lbs./100%
Peel Strength*
Mixing Instructions
Two-Part Sealant Cartridges:
1. Holding the cartridge, grasp the dasher rod and pull back
approximately one inch.
2. Insert the ramrod into the hollow of the dasher rod, break the
piston loose, and inject about 1/3 of the contents into the
cartridge.
Note: Do not inject all of catalyst in one location. Distribute
evenly throughout base material.
3. Repeat steps 1 and 2 until all the contents of the rod are
emptied into the cartridge. Remove the ramrod.
4. Mix for the required number of strokes (hand mixing) or for
the required amount of time (machine mixing) indicated in
the kit instructions.
Mixing Instructions (continued)
5. When mixing is complete, remove bottom cap.
6. Pull the dasher rod back to the neck of the cartridge, grasp the
cartridge firmly at the neck, unscrew the dasher rod and
remove.
7. Screw the nozzle into the cartridge, insert into the extrusion
gun and use as required. For hand extrusion, press the used
dasher rod against the plunger to force the material from the
cartridge.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com