Electronic Components Datasheet Search
  English  ▼

X  

8673 Datasheet(PDF) 1 Page - 3M Electronics

Part # 8673
Description  3M™ Polyurethane Protective Tape 8673 & 8673DL
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

8673 Datasheet(HTML) 1 Page - 3M Electronics

  8673 Datasheet HTML 1Page - 3M Electronics 8673 Datasheet HTML 2Page - 3M Electronics 8673 Datasheet HTML 3Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
August 2019
3M™ Polyurethane Protective Tape
8673 & 8673DL
Technical Data Sheet
Product Description
3M™ Polyurethane Protective Tape 8673 and 8673DL are made from an abrasion-resistant polyurethane
elastomer that resists punctures, tears, abrasion and erosion. These products are formulated for long-term
resistance to ultraviolet (UV) light. 3M 8673 Tape and 3M 8673DL Tape provide a simple, easy method of
protecting a surface from abrasion and minor impact damage. They can be installed in a minimal amount of time
with simple tools. They may be painted or applied over painted surfaces. 3M 8673 and 8673DL Tapes are
constructed with a durable, solvent-resistant, pressure-sensitive acrylic adhesive that is protected with an easy-
release liner. In addition, 3M 8673DL Tape is supplied with a top liner used as an aid for wide web applications.
The top liner is removed after installation.
3M 8673 and 8673DL Tapes are available in transparent versions only. 8673 Polyurethane Protective tape is for
erosion protection that is not installed on a heated substrate or component.
Typical Physical Properties and Performance Characteristics
Note: The following technical information and data should be considered representative or typical only and should not be used for
specification purposes.
ASTM = American Society for Testing and Materials
United States customary units of measurements are utilized, with equivalent metric units enclosed in parentheses.
A. Dimensions
Approximate Applied Thickness:*
Total thickness 0.014 inch (0.36 mm)
0.012 inch (0.30 mm) Backing
0.002 inch (0.06 mm) Adhesive
Standard Roll Length:
36 yd (32.9 m)
Available Widths:
1/2 inch minimum to 48-inch maximum
(1.25 cm to 122 cm)
Restricted availability fo r widths over
12 inch (600 mm)
Approximate Weight:
0.81 lb/yd2 (405 g/m2)
*Excludes the liner that is removed from the tape prior to application.


Similar Part No. - 8673

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
8673 BELDEN-8673 Datasheet
153Kb / 2P
Electronic, 2 C #12 Str BC, PVC Ins
05-05-2023
8673-060500 BELDEN-8673-060500 Datasheet
153Kb / 2P
Electronic, 2 C #12 Str BC, PVC Ins
05-05-2023
logo
FCI connector
86730-001LF FCI-CONNECTOR-86730-001LF Datasheet
85Kb / 1P
MINITEK JUMPER
More results

Similar Description - 8673

ManufacturerPart #DatasheetDescription
logo
3M Electronics
8730HT 3M-8730HT Datasheet
330Kb / 2P
3M™ Polyurethane Protective Tape 8730HT
Jun-2018
8686 3M-8686 Datasheet
103Kb / 2P
3M Polyurethane Protective Tape
Jun-2010
8667HS 3M-8667HS Datasheet
412Kb / 2P
3M™ Polyurethane Protective Tape 8667HS
Jun-2018
8664HS 3M-8664HS Datasheet
428Kb / 2P
3M™ Polyurethane Protective Tape 8664HS
Jun-2018
8663HS 3M-8663HS Datasheet
428Kb / 2P
3M™ Polyurethane Protective Tape 8663HS
Jun-2018
8657DL 3M-8657DL Datasheet
344Kb / 2P
3M™ Polyurethane Protective Tape 8657DL
Jun-2018
8560 3M-8560 Datasheet
330Kb / 2P
3M™ Polyurethane Protective Tape 8560
Jun-2018
8542 3M-8542 Datasheet
417Kb / 2P
3M™ Polyurethane Protective Tape
Jun-2018
8663 3M-8663 Datasheet
344Kb / 2P
3M??Polyurethane Protective Tape
8545HS 3M-8545HS Datasheet
343Kb / 2P
3M??Polyurethane Protective Tape 8545HS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com