Electronic Components Datasheet Search
  English  ▼

X  

8663 Datasheet(PDF) 1 Page - 3M Electronics

Part # 8663
Description  3M??Polyurethane Protective Tape
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

8663 Datasheet(HTML) 1 Page - 3M Electronics

  8663 Datasheet HTML 1Page - 3M Electronics 8663 Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
June 2018
3M™ Polyurethane Protective Tape
8663/8663DL
Technical Data Sheet
Product Description
3M™ Polyurethane Protective Tape 8663/8663DL (dual liner) is made from an exceptionally tough abrasion resistant
polyurethane elastomer that resists punctures, tearing, abrasion and erosion. It is formulated for resistance to
ultraviolet light. 3M 8663 Tape provides a simple, easy method of protecting a surface from corrosion, abrasion and
minor impact damage. 3M 8663 Tape and 3M 8663DL Tape are constructed with a long-aging, solvent-resistant,
pressure-sensitive acrylic adhesive that is protected with an easy-release plastic liner.
3M 8663 Tape is a transparent tape available in three liner configurations:
•
Single polypropylene liner on the adhesive side.
•
Single skip-slit polypropylene liner on the adhesive side.
•
Dual liners, one on each side of the tape.
Typical Physical Properties and Performance Characteristics
Note: 1) The following technical information and data should be considered representative or typical only and should not be
used for specification purposes. 2) ASTM = American Society for Testing and Materials. 3) Metric values are listed in
parenthesis.
I. Dimensions:
Approximate Applied Thickness:*
0.016 inch (0.40 mm) Film
0.002 inch (0.06 mm) Adhesive
Total thickness 0.018 inch (0.46 mm)
Standard Roll Length:
36 yd (32.9 m)
Available Widths:
1/2-inch min.
48-inch max.
(1.25 cm to 122 cm)
Approximate Weight:*
1.04 lb./yd2 (516.7 g/m2)
*Excludes the polyethylene liner that is removed from the tape prior to application.
II. Typical Physical Properties and Performance Characteristics
Property
Test Method
Units
Typical Value
Tensile Strength @ Break
ASTM D882
Lb./in.
(N/100mm)
117 (2049)
Elongation % @ Break
ASTM D882
%
500
Peel Adhesion @ 70°F (21°C) to:
Bare Aluminum
Acrylic Enamel Paint
ABS Plastic
ASTM D-1000
Oz./in.
(N/100mm)
84 (92)
56 (61)
65 (71)
Maximum Service Temperature
°F (°C)
180°F (82°C)


Similar Part No. - 8663

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
8663 GILWAY-8663 Datasheet
65Kb / 1P
T-1 Subminiature Lamps
logo
List of Unclassifed Man...
8663 ETC2-8663 Datasheet
439Kb / 1P
LED LENS CAPS
8663 ETC2-8663 Datasheet
93Kb / 2P
Shielding and Bonding Cable.
logo
Heyco.
8663 HEYCO-8663 Datasheet
123Kb / 1P
Heyco-Flex™ I Liquid Tight Conduit
logo
Keystone Electronics Co...
8663 KEYSTONE-8663 Datasheet
439Kb / 1P
LED LENS CAPS & HOLDERS
31-07 20th
More results

Similar Description - 8663

ManufacturerPart #DatasheetDescription
logo
3M Electronics
8730HT 3M-8730HT Datasheet
330Kb / 2P
3M™ Polyurethane Protective Tape 8730HT
Jun-2018
8686 3M-8686 Datasheet
103Kb / 2P
3M Polyurethane Protective Tape
Jun-2010
8667HS 3M-8667HS Datasheet
412Kb / 2P
3M™ Polyurethane Protective Tape 8667HS
Jun-2018
8664HS 3M-8664HS Datasheet
428Kb / 2P
3M™ Polyurethane Protective Tape 8664HS
Jun-2018
8663HS 3M-8663HS Datasheet
428Kb / 2P
3M™ Polyurethane Protective Tape 8663HS
Jun-2018
8657DL 3M-8657DL Datasheet
344Kb / 2P
3M™ Polyurethane Protective Tape 8657DL
Jun-2018
8560 3M-8560 Datasheet
330Kb / 2P
3M™ Polyurethane Protective Tape 8560
Jun-2018
8542 3M-8542 Datasheet
417Kb / 2P
3M™ Polyurethane Protective Tape
Jun-2018
8681HS 3M-8681HS Datasheet
428Kb / 2P
3M™ Polyurethane Protective Tape 8681HS
Jun-2018
8545HS 3M-8545HS Datasheet
343Kb / 2P
3M??Polyurethane Protective Tape 8545HS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com