Electronic Components Datasheet Search
  English  ▼

X  

7236 Datasheet(PDF) 1 Page - 3M Electronics

Part # 7236
Description  3M??Scotch-Weld??7236 B/A
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

7236 Datasheet(HTML) 1 Page - 3M Electronics

  7236 Datasheet HTML 1Page - 3M Electronics 7236 Datasheet HTML 2Page - 3M Electronics 7236 Datasheet HTML 3Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Two Part Structural Adhesive Scotch-Weld™ 7236 B/A
3M™ Scotch-Weld™ 7236 B/A
Two Part Structural Adhesive
Product Description
3M
™ Scotch-Weld™ Structural Epoxy Adhesive 7236 B/A is a two component epoxy adhesive which cures at room
temperature or with mild heat to form a strong, impact resistant structural bond. It has an excellent adhesion to a wide
variety of substrates such as metals, ceramics and plastics, incl. GFRP and CFRP. Once cured it provides extremly high
mechanical strength over a wide temperature range, with excellent resistance to harsh environments and chemicals,
commonly encountered in aerospace applications. The product is available in a white and a black version
Key Features
• Toughened system providing extremely high mechanical strength
• Wide service temperature range
• Excellent environmental resistance
• Full room temperature processing
Product Characterization
The following technical information and data should be considered representative or typical only and should not be used
for specification purpose
General Properties
Part B
Part A
SW 7236 B/A white
Off-white
White
Colour
SW 7236 B/A black
Off-white
Black
Base
Modified epoxy
Modified amine
Consistency
Thixotropic paste
Slight gel
Density
1.18 g / cm³
1.05 g / cm³
Solids
100 %
100 %
Viscosity (a)
800 – 2000 Pas
10 – 25 Pas
Mix ratio by weight (by volume)
100 : 27 (100 : 31)
Work life (b) at 23 ± 2 °C / Open time
> 60 minutes / 20 minutes
Handling strength(c)
3-4 hours
Strength build-up at 23 ± 2 °C
0%
25%
50%
75%
100%
0h
2d
4d
6d
8d
10d
12d
14d
Full cure cycle
14 days at room temperature
Packaging
Cans and pails
(a) Brookfield RVF Spindle 7,2 Upm
(b) 50 g of mixed adhesive
(c) Time to reach 1 MPa Shear Strength
.
Technical Data Sheet
Aerospace


Similar Part No. - 7236

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
7236 GILWAY-7236 Datasheet
143Kb / 2P
T-1 Subminiature Lamps
logo
Filtran LTD
7236 FILTRAN-7236 Datasheet
146Kb / 1P
AUDIO Coupling Transformer
logo
Keystone Electronics Co...
7236 KEYSTONE-7236 Datasheet
472Kb / 1P
COMPUTER HARDWARE
31-07 20th
logo
ETTINGER GmbH.
7236 ETTINGER-7236 Datasheet
161Kb / 1P
Jack Srew UNC 4/40-4.8 thread 7.3mm Steel,zinc-plated/unassembled
logo
Clarke International
7236042 CLARKE-7236042 Datasheet
5Mb / 24P
SUBMERSIBLE PUMPS
GC1221 - rev 9
More results

Similar Description - 7236

ManufacturerPart #DatasheetDescription
logo
3M Electronics
DP600NS 3M-DP600NS Datasheet
343Kb / 12P
3M™ Scotch-Weld™ Urethane
using
1751B 3M-1751B Datasheet
140Kb / 8P
3M™ Scotch-Weld™ Epoxy Adhesive 1751 B/A
Dec-2009
DP640 3M-DP640 Datasheet
148Kb / 6P
3M™ Scotch-Weld™ Urethane Adhesive
Feb-2019
2158 3M-2158 Datasheet
174Kb / 9P
3M™ Scotch-Weld™ Epoxy Adhesive 2158 B/A
Dec-2009
1838 3M-1838 Datasheet
140Kb / 6P
3M™ Scotch-Weld™ Epoxy Adhesive 1838 B/A Green
Feb-2016
EC-3542 3M-EC-3542 Datasheet
279Kb / 6P
3M™ Scotch-Weld™ Epoxy Adhesive
Dec-2020
EC-2815 3M-EC-2815 Datasheet
291Kb / 7P
3M??Scotch-Weld??Epoxy Adhesive
7246-2 3M-7246-2 Datasheet
533Kb / 4P
3M™ Scotch-Weld 7246-2 B/A FST
1751 3M-1751 Datasheet
140Kb / 8P
3M??Scotch-Weld??Epoxy Adhesive 1751 B/A
RP-2220 3M-RP-2220 Datasheet
337Kb / 3P
3M??Scotch-Weld??Repair Paste RP-2220 B/A
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com