Electronic Components Datasheet Search
  English  ▼

X  

1562949 Datasheet(PDF) 2 Page - Festo Corporation.

Part # 1562949
Description  Servo motor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

1562949 Datasheet(HTML) 2 Page - Festo Corporation.

  1562949 Datasheet HTML 1Page - Festo Corporation. 1562949 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Feature
Value
Peak torque
22.1 Nm
Stall torque
8.01 Nm
Permissible axial shaft load
150 N
Permissible radial shaft load
570 N
MTTF, subcomponent
76 years, rotor position sensor
3356 years, holding brake
MTTFd, subcomponent
152 years, rotor position sensor
Switching cycles, holding brake
10 million idle actuations (without friction work!)
Product weight
7500 g
Electrical connection technology
Plug
Note on materials
RoHS-compliant
Conforms to standard
IEC 60034
1/25/21 - Subject to change - Festo AG & Co. KG
2/2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com