Electronic Components Datasheet Search
  English  ▼

X  

SJ5000 Datasheet(PDF) 2 Page - 3M Electronics

Part # SJ5000
Description  3M™ Bumpon™ Protective Products Molded Shapes - Colored and Clear Series
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

SJ5000 Datasheet(HTML) 2 Page - 3M Electronics

  SJ5000 Datasheet HTML 1Page - 3M Electronics SJ5000 Datasheet HTML 2Page - 3M Electronics SJ5000 Datasheet HTML 3Page - 3M Electronics SJ5000 Datasheet HTML 4Page - 3M Electronics SJ5000 Datasheet HTML 5Page - 3M Electronics SJ5000 Datasheet HTML 6Page - 3M Electronics SJ5000 Datasheet HTML 7Page - 3M Electronics SJ5000 Datasheet HTML 8Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
(2)
3M™Bumpon™ProtectiveProducts-MoldedShapes-ColoredandClear
SeriesSJ5000•SJ5300•SJ5400•SJ5500•SJ5700•SJ6100
HemisphericalShapes
*Bumpon SJ5300 series identifies transparent products.
**Bumpon SJ5400 series identifies true white products.
Note: All dimensions ±0.02 inches or ±0.5 mm measured without the adhesive liner.
Important: Some Bumpon molded shapes listed (or specific color versions) may require special minimum order quantities. Consult your
local 3M representative or our website: www.3M.com/Bumpons.
3M™Bumpon™ProtectiveProducts
CylindricalShapes(withflattops)
ProductNumber
Colors
Width inches (mm)
Height inches (mm)
Pad Format
BumponSJ5012,SJ5312*,SJ5412**
Black, Brown, White, Gray,
Transparent*, True White**
0.50 (12.7)
0.14 (3.5)
7x8 (56)
12
MoldedShapeNumber
BumponSJ5744,SJ5344*
Black, Transparent*
0.75 (19.1)
0.16 (4.1)
4x10 (40)
44
BumponSJ5076,SJ5376*
Black, Transparent*
0.315 (8.0)
0.110 (2.8)
8x7 (56)
76
CylindricalShapes(withconcavetops)
ProductNumber
Colors
Width inches (mm)
Height inches (mm)
Pad Format
BumponSJ5001
Black
0.50 (12.7)
0.14 (3.5)
5x8 (40)
01
MoldedShapeNumber
BumponSJ5009,SJ5309*
White, Gray, Brown, Black Transparent*
0.88 (22.3)
0.40 (10.1)
3x8 (24)
09
BumponSJ5532
Gray, Black
1.88 (47.7)
0.66 (16.7)
Separate Parts
32
ProductNumber
Colors
Width inches (mm)
Height inches (mm)
Pad Format
BumponSJ5302*,SJ5402**
Transparent*, True White**
0.312 (7.9)
0.085 (2.2)
8x18 (144)
02
MoldedShapeNumber
BumponSJ5003*
Black, Brown, Gray, Transparent*
0.44 (11.1)
0.20 (5.0)
8x7 (56)
03
BumponSJ5306*,SJ5406**
Transparent*, True White**
0.375 (9.5)
0.150 (3.8)
6x8 (48)
06
ProductNumber
Colors
Width inches (mm)
Height inches (mm)
Pad Format
BumponSJ5017,SJ5317*
White, Gray, Black, Transparent*
0.75 (19.0)
0.38 (9.6)
4x10 (40)
17
MoldedShapeNumber
BumponSJ5027,SJ5327*
White, Gray, Brown, Black, Transparent*
0.63 (16.0)
0.31 (7.9)
5x8 (40)
27
BumponSJ5382*
Transparent*
0.25 (6.4)
0.075 (1.9)
8x18 (144)
82



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com