Electronic Components Datasheet Search
  English  ▼

X  

9740 Datasheet(PDF) 4 Page - 3M Electronics

Part # 9740
Description  3M™ Double Coated Tape 9740
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

9740 Datasheet(HTML) 4 Page - 3M Electronics

  9740 Datasheet HTML 1Page - 3M Electronics 9740 Datasheet HTML 2Page - 3M Electronics 9740 Datasheet HTML 3Page - 3M Electronics 9740 Datasheet HTML 4Page - 3M Electronics 9740 Datasheet HTML 5Page - 3M Electronics 9740 Datasheet HTML 6Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
ISO Statement
Recognition/Certi cation
3M™ Double Coated Tape 9740
Storage and Shelf Life
Store in original cartons at 70°F (21°C) and 50% relative humidity.
If stored under proper conditions, product retains its performance and properties for 24 months from date of
manufacture.
Trademarks
3M is a trademark of 3M Company.
References
Property
Values
3m.com Product Page
https://www.3m.com/3M/en_US/company-us/all-
3m-products/~/3M-Double-Coated-Tape-9740?
N=5002385+3293241667&rt=rud
Safety Data Sheet (SDS)
https://www.3m.com/3M/en_US/company-us/SDS-
search/results/?
gsaAction=msdsSRA&msdsLocale=en_US&co=ptn&q=9740
This Industrial Adhesives and Tapes Division product was manufactured under a 3M quality system registered to
ISO 9001 standards.
MSDS: 3M has not prepared an MSDS for this product which is not subject to the MSDS requirements of the
Occupational Safety and Health Administration’s Hazard Communication Standard, 29 C.F.R. 1910.1200(b)(6)(v).
When used under reasonable conditions or in accordance with the 3M directions for use, this product should not
present a health and safety hazard. However, use or processing of this product in a manner not in accordance with
the directions for use may a ect its performance and present potential health and safety hazards.
TSCA: This product is not de ned as an article under the Toxic Substances Control Act and therefore, it is exempt
from inventory listing requirements.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com