Electronic Components Datasheet Search
  English  ▼

X  

7200 Datasheet(PDF) 3 Page - 3M Electronics

Part # 7200
Description  3M™ Novec™ 7200 Engineered Fluid
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

7200 Datasheet(HTML) 3 Page - 3M Electronics

  7200 Datasheet HTML 1Page - 3M Electronics 7200 Datasheet HTML 2Page - 3M Electronics 7200 Datasheet HTML 3Page - 3M Electronics 7200 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Safety and Handling
Before using this product, please read the current product Material Safety Data Sheet (available through your
3M sales or technical service representative) and the precautionary statement on the product package. Follow
all applicable precautions and directions.
3M™ Novec™ 7200 Engineered Fluid is nonflammable and does not exhibit flammability characteristics under
normal operating and storage conditions. This fluid is highly resistant to thermal breakdown and hydrolysis in
storage and during use. Recommended handling procedures are provided in the pertinent Material Safety Data
Sheet which is available from your local 3M representative upon request.
Toxicity Profile
The toxicological testing completed on Novec 7200 fluid shows the overall toxicity is low. The material
is minimally irritating to the eyes, non-irritating to the skin and is not a mutagen. This material is rated
“practically non-toxic” through inhalation. A twenty-eight day inhalation study has helped establish a
recommended exposure guideline of 200 ppm for an eight-hour average worker exposure per day.
Properties
3M™ Novec™ 7200 Engineered Fluid
Acute Lethal Inhalation Concentration
>92,000 ppm (4 hour)
Oral
Practically non-toxic (>5g/kg)
Eye Irritation
Minimally irritating
Skin Irritation
Non-irritating
Skin Sensitization
Not a skin sensitizer
Inhalation (28 day study)
200 ppm exposure guideline1 Detailed results are available
Developmental Toxicity
Detailed results are available
Mutagenicity
Not a mutagen
Cardiac Sensitization
No signs at exposure up to 20,000 ppm
Ecotoxicity Testing
Complete–low aquatic toxicity
1
Exposure Guideline set by the 3M Medical Department
Materials Compatibility
Continuous Exposure
Novec 7200 fluid is compatible with most metals and hard polymers. Soft and elastomeric materials should be
limited to compounds that contain the least amount of extractable plasticizer. 3M technical service engineers
can suggest appropriate compounds and assist with material compatibility tests.
Non-Continuous Exposure
Short-term testing of Novec 7200 fluid demonstrates compatibility, after one hour exposure at boiling
temperature, with a wide range of metals, plastics and elastomers, similar to the performance of perfluorinated
liquids. Good short-term compatibility with particularly sensitive plastics such as polycarbonate and PMMA
indicates utility in cleaning of assemblies containing many composite materials.
As with most fluorinated liquids, Novec 7200 fluid will absorb into fluorinated plastics and elastomers over
longer exposures.
Short-Term Exposure Compatibility
Metals
Plastics
Elastomers
Aluminum
Molybdenum
Acrylic (PMMA)
Epoxy
Butyl Rubber
Copper
Tantalum
Polyethylene
PET
Natural Rubber
Carbon Steel
Tungsten
Polypropylene
Phenolic
Nitrile Rubber
302 Stainless Steel
Cu/Be Alloy C172
Polycarbonate
ABS
EPDM
Brass
Mg Alloy AZ32B
Polyester
Exceptions: Some swelling of PTFE and Silicone Rubber. Some surface oxidation of copper during heat aging.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com