Electronic Components Datasheet Search
  English  ▼

X  

7100DL Datasheet(PDF) 2 Page - 3M Electronics

Part # 7100DL
Description  3M™ Novec™ 7100DL Engineered Fluid
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

7100DL Datasheet(HTML) 2 Page - 3M Electronics

  7100DL Datasheet HTML 1Page - 3M Electronics 7100DL Datasheet HTML 2Page - 3M Electronics 7100DL Datasheet HTML 3Page - 3M Electronics 7100DL Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
3M™ Novec™ 7100DL Engineered Fluid
2
Typical Physical Properties
Note: The following technical information and data should be considered representative or typical only and should not be used for
specification purposes. Final product specifications and testing methods will be outlined in the product’s Certificate of Analysis
(COA) that is shipped with the product or available by request from your 3M Technical Service Representative.
Properties
3M™ Novec™ 7100DL Engineered Fluid
Molecular Weight (g/mol)
250
Boiling Point (°C)
61
Freeze Point (°C)
-135
Liquid Density (kg/m3)
1510
Surface Tension (mN/m)
13.6
Solubility of Fluid in Water (ppmw)
12
Solubility of Water in Fluid (ppmw)
95
Vapor Pressure (kPa)
27
Absolute Viscosity (cP)
<1.0
Heat of Vaporization (kJ/kg at bp)
112
Specific Heat (J/kg·K)
1183
Materials Compatibility
Testing of 3M™ Novec™ 7100DL Engineered Fluid demonstrates compatibility with a wide range of metals, plastics
and elastomers—most materials used in electronics manufacturing. The following materials were deemed compatible
after one hour of exposure to the fluid at its boiling point.
Metals
Plastics
Elastomers1
Aluminum
Acrylic (PMMA)
Butyl Rubber2
Copper3
Polyethylene
Natural Rubber
Carbon Steel
Polypropylene
EPDM
302 Stainless Steel
Polycarbonate
EPR
Brass
Polyester
Molybdenum
Epoxy
Tantalum
PET
Tungsten
Phenolic
Cu/Be Alloy C172
ABS
Mg Alloy AZ32B
(1) As with most fluorinated liquids, Novec 7100DL fluid will absorb into fluorinated plastics (e.g. PTFE) and elastomers (e.g. FFKM, FKM types) over
longer exposures. Absorption and swelling of silicone rubber are also observed.
(2) Butyl Rubber best for extended exposure > one month.
(3) Some surface oxidation of copper during testing.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com