Electronic Components Datasheet Search
  English  ▼

X  

7100 Datasheet(PDF) 2 Page - 3M Electronics

Part # 7100
Description  3M™ Novec™ 7100 Engineered Fluid
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

7100 Datasheet(HTML) 2 Page - 3M Electronics

  7100 Datasheet HTML 1Page - 3M Electronics 7100 Datasheet HTML 2Page - 3M Electronics 7100 Datasheet HTML 3Page - 3M Electronics 7100 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Regulatory Status
3M™ Novec™ 7100 Engineered Fluid has been accepted for commercial use by regulatory agencies in the
United States, Europe, Canada, Australia, Japan, Korea and the Philippines. The components of Novec 7100
fluid have been nominated to China’s draft chemical inventory.
Novec 7100 fluid has been approved under the Significant New Alternatives Policy (SNAP) of the U.S. EPA. In
addition, Novec 7100 fluid has been excluded by the U.S. EPA from the definition of a VOC on the basis that
this compound has negligible contribution to tropospheric ozone formation. The components of Novec 7100
fluid are not on any regulated lists.
Contact your local 3M representative regarding the regulatory status of Novec 7100 fluid in other countries.
Toxicity Profile
The toxicological testing completed on Novec 7100 fluid shows the overall toxicity is low. The material
is practically non-irritating to the eyes, minimally irritating to the skin and is not a mutagen or cardiac
sensitizer. It is rated “practically non-toxic” through inhalation. A 90-day inhalation study has helped establish
a recommended exposure guideline of 750 ppm for an eight-hour average worker exposure per day. This
exposure guideline was established by the American Industrial Hygiene Association.
Properties
3M™ Novec™ 7100 Engineered Fluid
Acute Lethal Inhalation Concentration
>100,000 ppm (4 hour)
Oral
Practically non-toxic (>5g/kg)
Eye Irritation
Practically non-irritating
Skin Irritation
Minimally irritating
Skin Sensitization
Not a skin sensitizer
Inhalation (90 day study)
750 ppm exposure guideline Detailed results are available
Developmental Toxicity
Detailed results are available
Mutagenicity
Negative in the three assays conducted
Cardiac Sensitization
No signs of sensitization at exposures up to 100,000 ppm
Ecotoxicity Testing
Complete – very low aquatic toxicity
2
3M™ Novec™ 7100 Engineered Fluid
Typical Physical Properties
Environmental and Safety Properties
Properties
3M™ Novec™ 7100
Engineered Fluid CFC-113 HCFC-141b HCFC-225 ca/cb
1
HFC-4310mee
Formula
C4F9OCH3
C2Cl3F3
C2Cl2H3F
C3Cl2HF5
C5H2F10
Molecular Weight
250
187
117
203
252
Boiling Point (°C)
61
48
32
54
54
Freeze Point (°C)
-135
-35
-103
-131
-80
Liquid Density (g/ml)
1.52
1.56
1.23
1.55
1.58
Surface Tension (dynes/cm)
13.6
17.3
19.3
16.2
14.1
Solubility of Solvent in Water (ppmw)
12
170
210
330
140
Solubility of Water in Solvent (ppmw)
95
110
420
310
490
Vapor Pressure (mmHg)
202
334
569
290
226
Properties
3M™ Novec™ 7100
Engineered Fluid CFC-113 HCFC-141b HCFC-225 ca/cb
1
HFC-4310mee
Ozone Depletion Potential–ODP1
0.00
0.80
0.10
0.03
0.00
Global Warming Potential2
320
6000
700
180/160
1700
Atmospheric Lifetime (years)
4.1
85
9.2
2.1/6.2
17.1
Flash Point
None
None
None
None
None
Flammability Range in Air
None
None
7.6-17.74
None
None
Exposure Guidelines (8 hr. time-weighted average)
750
1000
500
50
200
Exposure Ceiling (ppm)
None
None
None
None
400
Acute Toxicity (4 hr. LC50 [Rat])
>100,000
55,000
62,000
37,000
11,000
1
HCFC-225 ca/cb ratio is 45/55 2CFC-11 = 1.0 3GWP–100 year Integration Time Horizon (ITH) 4Vol % by ASTM E681-94 @ 100°C
Data compiled
from published
information.
Not for specification
purposes. All values
@ 25°C unless
otherwise specified.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com