Electronic Components Datasheet Search
  English  ▼

X  

4200 Datasheet(PDF) 2 Page - 3M Electronics

Part # 4200
Description  3M??Electronic Surfactant 4200
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

4200 Datasheet(HTML) 2 Page - 3M Electronics

  4200 Datasheet HTML 1Page - 3M Electronics 4200 Datasheet HTML 2Page - 3M Electronics 4200 Datasheet HTML 3Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
3M™ Electronic Surfactant 4200
Typical Performance Characteristics
Note: The following technical information and data should be considered representative or typical only and should not be used for
specification purposes. Final product specifications and testing methods will be outlined in the products Certificate of Analysis
(COA) that is shipped with the commercialized product.
Surface Tension (dyn/cm) of 3M™ Electronic Surfactant 4200 in Various Solutions
Solution
0 ppm
50 ppm
100 ppm
200 ppm
300 ppm
7:1 Buffered HFA
70
19
20
20+
20+
500:1 Buffered HFB
56
20
17
17
18+
A – 7 parts 40% ammonium fluoride to 1 part 49% hydrofluoric acid by volume
B – 500 parts 40% ammonium fluoride to 1 part 49% hydrofluoric acid by volume
+ – Not fully soluble
* Concentration of 3M™ Electronic Surfactant 4200 by weight based on active material
* Surface tension measured using Wilhelmy plate method of ASTM D1331
Surface Tension (dyn/cm) of 3M™ Electronic Surfactant 4200 in Various Solutions
Solution
0 ppm
500 ppm
1000 ppm
2000 ppm
Water
73
68
62
57
100:1 Hydrofluoric AcidA
72
28
18
18
A – 100 parts water to 1 part 49% hydrofluoric acid by volume
+ – Not fully soluble
* Concentration of 3M™ Electronic Surfactant 4200 by weight based on active material
* Surface tension measured using Wilhelmy plate method of ASTM D1331
Product Safety and Handling
3M™ Electronic Surfactant 4200 is intended for use in semiconductor wafer fabs and manufacture of solar panels and
flat panel displays.
The recommended method of disposal is high temperature incineration in a facility capable of handling halogenated
materials.
Release of 3M™ Electronic Surfactant 4200 to the environment must be prevented. Prevention includes, but is not
limited to, treatment of surfactant containing aqueous waste streams.
For additional product safety and handling information, please read the product label and Material Safety Data Sheet
before using this product.
Regulatory
The components of 3M™ Electronic Surfactant 4200 are in compliance with the chemical notification requirements of
the United States (TSCA), China (IECSC), Taiwan (TCSI), and Korea (KECI). Certain restrictions apply. Contact 3M
representative for an update on the regulatory status of 3M™ Electronic Surfactant 4200.
Storage and Shelf Life
The shelf life of 3M™ Electronic Surfactant 4200 is 24 months from the date of manufacture when stored in the original
packaging materials and stored at 21°C (70°F) and 50% relative humidity.
Certificate of Analysis (COA)
The 3M Certificate of Analysis (COA) for this product is established when the product is manufactured and deemed
commercially available from 3M. The COA contains the 3M test methods, specifications limits and test results for the
product’s performance attributes that the product will be supplied against. Contact your local 3M representative for
this product’s COA.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com