Electronic Components Datasheet Search
  English  ▼

X  

2708 Datasheet(PDF) 3 Page - 3M Electronics

Part # 2708
Description  3M??Novec??2708 Electronic Grade Coating
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

2708 Datasheet(HTML) 3 Page - 3M Electronics

  2708 Datasheet HTML 1Page - 3M Electronics 2708 Datasheet HTML 2Page - 3M Electronics 2708 Datasheet HTML 3Page - 3M Electronics 2708 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Safety, handling, storage and shelf life
To avoid thermal decomposition, the coating solution should not be heated above 150°C (302°F), and the dried fluorinated
polymer should not be heated to temperatures above 225°C (437°F), which, in general, is lower than the onset of thermal
degradation under TGA test conditions. See SDS for thermal degradation products. When stored under conditions of 16-
27°C (60-80°F) and less than 60% R.H. in the original, unopened container, the shelf life is certified for two years from the
date of manufacture. Before using this product, please read the current product Safety Data Sheet (available through your
3M sales or technical service representative or at www.3M.com/Novec) and the precautionary statement on the product
package. Follow all applicable precautions and directions. Always practice smart and safe industrial hygiene practices. Do
not spray apply without proper ventilation and/or personal protective equipment (PPE).
Resources
For more information on 3M Novec products or to contact a 3M representative, visit
3M.com/Novec.
Application techniques
Coating can be applied by dip, brush or selectively deposited as per the safety and handling requirements stated in the
Safety Data Sheet (SDS). Water should be kept out of coating bath as contact will interfere with coating deposition.
Surfaces to be coated should be clean and dry before application. Masking may not be required for larger connector types,
but testing is always suggested. The solvent will evaporate quickly, and the fluorinated polymer film will dry in minutes.
Application Options
Spray, dip, brush and selective dispense
Dilution
Can be diluted with 3M™ Novec™ 7200 Engineered Fluid
Drying/Curing
Dries at room temperature; can be handled in under two minutes
Removability
3M™ Novec™ 72DA Engineered Fluid (preferred) or removable with Novec 7200 Engineered Fluid



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com