Electronic Components Datasheet Search
  English  ▼

X  

2202 Datasheet(PDF) 1 Page - 3M Electronics

Part # 2202
Description  3M??Novec??2202 Electronic Grade Coating
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

2202 Datasheet(HTML) 1 Page - 3M Electronics

  2202 Datasheet HTML 1Page - 3M Electronics 2202 Datasheet HTML 2Page - 3M Electronics 2202 Datasheet HTML 3Page - 3M Electronics 2202 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
3M™ Novec™ 2202 Electronic
Grade Coating
Construction
Solids
Solvent
Color
Container Size
0.2 wt% fluorinated polymer
3M™ Novec™ 7200DL Engineered Fluid
Clear
1 gal (11 lb/5.0 kg)
Introduction
3M™ Novec™ 2202 Electronic Grade Coating is a fluorinated polymer diluted in 3M™ Novec™ 7200DL Engineered Fluid, a
segregated hydrofluoroether solvent, providing a clear, low viscosity, low surface tension coating solution. It forms a thin,
transparent fluorinated polymer coating when dry, adding durable anti-smudge and easy-to-clean properties. Novec 2202
coating helps to improve the lubricious feel of a variety of glass and glass-like surfaces such as displays, touch screens
and mobile electronic device components. Thermal curing provides added durability, chemical resistance and abrasion
resistance. Novec 2202 coating is non-flammable, non ozone-depleting, low in toxicity, low in GWP, RoHS compliant,
and VOC exempt (per the U.S. EPA).*
Table 1: Typical physical properties
Not for specification purposes. All values @ 25°C unless otherwise specified. Data compiled from published information.
Properties
Coating Solution
Appearance
Clear, colorless liquid solution
Solids
0.2 wt% fluorinated polymer
Solvent
3M™ Novec™ 7200DL Engineered Fluid
Density
1.41 g/ml
Viscosity
0.61 cP
Boiling Point of Solvent
76ºC (169ºF)
Flash Point
None (per closed cup method)
Environmental (Solvent)
Low in toxicity, non-ozone depleting, non-flammable, VOC exempt
(per the U.S. EPA),* RoHS compliant, contains no chlorine or bromine
Shelf Life
Two years from date of manufacture in original unopened package
*The U.S. EPA defines a VOC as “any compound of carbon, excluding carbon monoxide, carbon dioxide, carbonic acid, metallic carbides or carbonates and ammonium
carbonate, which participates in atmospheric photochemical reactions, except those designated by the EPA as having negligible photochemical reactivity.” This product
is VOC exempt per the U.S. EPA.
Technical Data | April 2019


Similar Part No. - 2202

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2202 ETC1-2202 Datasheet
32Kb / 1P
high Current Toroid Inductors
2202 ETC2-2202 Datasheet
230Kb / 1P
FEMALE THREADED STANDOFFS
logo
Grayhill, Inc
2202 GRAYHILL-2202 Datasheet
79Kb / 1P
SPST and SPDT, 10 Amp Momentary Contact
logo
Heyco.
2202 HEYCO-2202 Datasheet
106Kb / 1P
Snap Bushings
logo
Sensata Technologies, I...
2202 SENSATA-2202 Datasheet
302Kb / 3P
ROTARY MOTION | PRECISION SENSOR
More results

Similar Description - 2202

ManufacturerPart #DatasheetDescription
logo
3M Electronics
7200 3M-7200 Datasheet
167Kb / 4P
3M™ Novec™ 7200 Engineered Fluid
4710 3M-4710 Datasheet
394Kb / 4P
3M??Novec??4710 Insulating Gas
2708 3M-2708 Datasheet
119Kb / 4P
3M??Novec??2708 Electronic Grade Coating
2704 3M-2704 Datasheet
118Kb / 4P
3M??Novec??2704 Electronic Grade Coating
1908 3M-1908 Datasheet
505Kb / 4P
3M??Novec??1908 Electronic Grade Coating
1904 3M-1904 Datasheet
505Kb / 4P
3M??Novec??1904 Electronic Grade Coating
1902 3M-1902 Datasheet
505Kb / 4P
3M??Novec??1902 Electronic Grade Coating
1720 3M-1720 Datasheet
116Kb / 2P
3M??Novec??1720 Electronic Grade Coating
1710 3M-1710 Datasheet
119Kb / 4P
3M??Novec??1710 Electronic Grade Coating
1702 3M-1702 Datasheet
118Kb / 4P
3M??Novec??1702 Electronic Grade Coating
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com