Electronic Components Datasheet Search
  English  ▼

X  

2104 Datasheet(PDF) 4 Page - 3M Electronics

Part # 2104
Description  3M??Scotchcast??Electrical Insulating Resin 2104
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

2104 Datasheet(HTML) 4 Page - 3M Electronics

  2104 Datasheet HTML 1Page - 3M Electronics 2104 Datasheet HTML 2Page - 3M Electronics 2104 Datasheet HTML 3Page - 3M Electronics 2104 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
3M™ Scotchcast™ Electrical Insulating Resin 2104
4 of 4
Shelf Life & Storage 3M™ Scotchcast Electrical Insulating Resin 2104 has a 2-year shelf life from date of
manufacture when stored in the factory-sealed packaging under humidity controlled
storage (10°C/50°F to 27°C/80°F and <75% relative humidity).
Availability
Please contact your local distributor or call 1.800.245.3573.
3M and Scotchcast are trademarks of 3M Company.
Important Notice
All statements, technical information, and recommendations related to 3M’s products are based on
information believed to be reliable, but the accuracy or completeness is not guaranteed. Before using
this product, you must evaluate it and determine if it is suitable for your intended application. You
assume all risks and liability associated with such use. Any statements related to the product, which
are not contained in 3M’s current publications, or any contrary statements contained on your
purchase order, shall have no force or effect unless expressly agreed upon, in writing, by an
authorized officer of 3M.
Warranty; Limited
Remedy; Limited
Liability
This product will be free from defects in material and manufacture at the time of purchase. 3M
MAKES NO OTHER WARRANTIES INCLUDING, BUT NOT LIMITED TO, ANY IMPLIED
WARRANTY OF MERCHANTABILITY OR FITNESS FOR A PARTICULAR PURPOSE. If this
product is defective within the warranty period stated above, your exclusive remedy shall be, at
3M’s option, to replace or repair the 3M product or refund the purchase price of the 3M product.
Except where prohibited by law, 3M will not be liable for any direct, indirect, special, incidental or
consequential loss or damage arising from this 3M product, regardless of the legal theory asserted.
Electrical Markets Division
Austin, TX
800.245.3573
Fax 800.245.0329
www.3M.com/electrical
Please recycle
© 3M 2019. All rights reserved
78-8141-6643-1 Rev C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com