Electronic Components Datasheet Search
  English  ▼

X  

804 Datasheet(PDF) 1 Page - 3M Electronics

Part # 804
Description  Scotchlok™ Moisture Resistant Self-Stripping Electrical Tap Connector 804
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

804 Datasheet(HTML) 1 Page - 3M Electronics

  804 Datasheet HTML 1Page - 3M Electronics 804 Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1 of 2
Application
Use 3M™ Scotchlok™ Tap Connector 804 to
electrically connect a (tap) wire end to a through
(run) wire, insulate and provide a moisture resistant
seal for the connection.
Wire Range
18-16 AWG (0,75-1,0 mm2) solid and stranded,
14 AWG (1,5 mm2) stranded tinned or untinned
copper insulated conductors. For use with common
thermoplastic insulated wires with a maximum
insulation diameter of .145 inches (3,5 mm).
Maximum recommended current for general purpose
applications: 18 AWG - 7 Amps, 16 AWG - 10 Amps,
14 AWG - 15 Amps
Construction
U-Contact - Tin plated brass, .03 in. (8mm) thick
Insulator - Polypropylene
Color - Blue
UL 94-V-2
Sealant - Mineral Oil Base
Dielectric Grease
Weight
.0042 lb. (1,90 gm)
Recommended Installation Tools
3M™ Crimping Tool No. E-9BM
9” Linemans Pliers
8” Mechanics (slip joint) pliers
Engineering Specification
Self-Stripping Electrical Tap Connector (as
manufactured by 3M, part No. 804) capable of
connecting a tap wire to a run wire and providing a
moisture seal, in the wire range of 18-16 AWG (0,75-
1,0 mm2) solid or stranded, and 14 AWG (1,5 mm2)
stranded, tinned or untinned copper insulated wire,
with a maximum insulation diameter, of .145 inches
(3,5 mm). The connector shall be rated 600 volts and
have an insulation temperature rating of 90˚C (194˚F).
Regulatory Agencies
UL Listed as a Pressure Cable Connector
Tested per UL Standard 486C
UL File No. E23438
Operating Temperature: 90˚C (194˚F)
Voltage Rating: 600 volts max. building wire;
1000 volts max. signs and fixtures
Federal Specification W-S-610:
“Commercial package only”
Type
Class
Kind
Style
1
1
cu
G
Scotchlok™
Moisture Resistant Self-Stripping
Electrical Tap Connector 804
Data Sheet
������
WIRE CONNECTOR
540H


Similar Part No. - 804

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
804 MICROSEMI-804 Datasheet
82Kb / 2P
RECTIFIERS ASSEMBLIES
logo
Littelfuse
804 LITTELFUSE-804 Datasheet
226Kb / 3P
Universal Modular Fuses
logo
Alpha Wire
804 ALPHAWIRE-804 Datasheet
175Kb / 3P
M8 Plastic Passive I/O Box
logo
France Joint
804 FRANCEJOINT-804 Datasheet
398Kb / 4P
SHAFT SEALS WITH PTFE LIPS
logo
EAO AG.
804-.000-00 EAO-804-.000-00 Datasheet
3Mb / 86P
Switches and Indicators
01.2002
More results

Similar Description - 804

ManufacturerPart #DatasheetDescription
logo
RHOPOINT COMPONENTS
29348 RHOPOINT-29348 Datasheet
101Kb / 1P
Micro-capsule moisture resistant platinum
logo
Silonex Inc.
NSL-32SR3 SILONEX-NSL-32SR3 Datasheet
38Kb / 1P
Compact, moisture resistant package
logo
API Delevan
NSL-37-004 API-NSL-37-004 Datasheet
109Kb / 1P
Compact, moisture resistant package
NSL-37-034 API-NSL-37-034 Datasheet
109Kb / 1P
Compact, moisture resistant package
logo
ZF Friedrichshafen AG
E72 ZFSWITCHES-E72 Datasheet
2Mb / 2P
Moisture resistant
logo
3M Electronics
314 3M-314 Datasheet
62Kb / 2P
Self-Stripping Moisture Resistant
558 3M-558 Datasheet
67Kb / 2P
Self-Stripping Electrical Tap Connector 558
Nov-2010
316IR 3M-316IR Datasheet
75Kb / 2P
3M™ Scotchlok™ Moisture Resistant Self-Stripping Electrical Spring Connector 316IR
Nov-2010
logo
Stackpole Electronics, ...
HDM SEI-HDM Datasheet
411Kb / 6P
Moisture Resistant Carbon Film Resistor
10/22/2020
logo
3M Electronics
905 3M-905 Datasheet
82Kb / 2P
Self-Stripping Electrical Connectors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com