Electronic Components Datasheet Search
  English  ▼

X  

72FL Datasheet(PDF) 2 Page - 3M Electronics

Part # 72FL
Description  3M™ Novec™ 72FL Engineered Fluid
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

72FL Datasheet(HTML) 2 Page - 3M Electronics

  72FL Datasheet HTML 1Page - 3M Electronics 72FL Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Environmental, Health and Safety Information
Properties
Novec 72FL
HCFC-14b*
HCFC-225*
Ozone Depletion Potential1 (ODP)
0
0.1
0.03
Global Warming Potential2 (GWP)
71
725
370
Flashpoint
None
None
None
Exposure Guideline (ppmV, 8 hr time weighted average)
200
500
50
1
CFC-11=1.0, 2 GWP-100 year integration time horizon. CO2 = 2.0
* HCFC-141b is no longer produced in the U.S. and HCFC-225 will be banned after 2014.
Physical Properties
Properties
Value
Properties
Value
Boiling Point (°C)
45
Dielectric Strength
>25 kV
% Volatile
100
Shelf Life
Initially 1 Year (further testing underway)
Evaporation Rate (relative to n-Butyl Acetate)
0.10
Heat of Vaporization
38*
Surface Tension (dynes/cm2)
16*
Vapor Density
7.9
Liquid Density (g/ml)
1.40
Vapor Pressure
330
* Estimated Value.
Safety and Handling
3M™ Novec™ 72FL Fluid is nonflammable. When used as directed, in its intended applications, the product
has a wide margin of safety between anticipated exposures and the exposure guideline. It is recommended
to store inside, at temperatures below 100°F (38°C) to prevent excess pressure build up inside the container.
Before using this product, be sure to read and follow all precautions and directions for use contained in
the product label and Material Safety Data Sheet, which is available from your local 3M representative
upon request.
Resources
3M™ Novec™ Engineered Fluids are supported by global sales, technical and customer service resources,
with technical service laboratories in the U.S., Europe, Japan, Latin America and Southeast Asia. Users
benefit from 3M’s broad technology base and continuing attention to product development, performance,
safety and environmental issues. For additional technical information on 3M™ Novec™ 72FL Engineered
Fluid in the United States or for the name of a local authorized distributor, call 3M Electronics Markets
Materials Division:
800 810 8513.
Please recycle. Printed in USA.
Issued: 11/10 © 3M 2010.
All rights reserved. 7457HB
60-5002-0487-4
3M™ Novec™ 72FL Engineered Fluid
Lexan is a registered trademark of SABIC Innovative Plastics.
3M and Novec are trademarks of 3M Company.
Used under license by 3M subsidiaries and affiliates.
Electronics Markets Materials Division
3M Center, Building 224-3N-11
St. Paul, MN 55144-1000
www.3M.com/novec
1-800-810-8513
3
Product Use: All statements, technical information and recommendations contained in this document are based on tests or experience that 3M believes are reliable. However,
many factors beyond 3M’s control can affect the use and performance of a 3M product in a particular application, including conditions under which the product is used and the
time and environmental conditions in which the product is expected to perform. Since these factors are uniquely within the user’s knowledge and control, it is essential that the
user evaluate the 3M product to determine whether it is fit for a particular purpose and suitable for the user’s method of application.
Warranty and Limited Remedy: Unless stated otherwise in 3M’s product literature, packaging inserts or product packaging for individual products, 3M warrants that each 3M
product meets the applicable specifications at the time 3M ships the product. Individual products may have additional or different warranties as stated on product literature,
package inserts or product packages. 3M MAKES NO OTHER WARRANTIES, EXPRESS OR IMPLIED, INCLUDING BUT NOT LIMITED TO, ANY IMPLIED WARRANTIES OF
MERCHANTABILITY OR FITNESS FOR A PARTICULAR PURPOSE OR ANY IMPLIED WARRANTY ARISING OUT OF A COURSE OF DEALING, CUSTOM OR USAGE OF TRADE. User
is responsible for determining whether the 3M product is fit for a particular purpose and suitable for user’s application. If the 3M product is defective within the warranty period,
your exclusive remedy and 3M’s and seller’s sole obligation will be, at 3M’s option, to replace the product or refund the purchase price.
Limitation Of Liability: Except where prohibited b. incidental, or consequential regardless of the legal theory asserted, including warranty, contract, negligence or strict liability.
The Novec brand is the hallmark for a variety of patented 3M products. Although each has its own unique formula and performance properties, all
Novec products are designed in common to address the need for safe, effective, sustainable solutions in industry-specific applications. These include
precision and electronics cleaning, heat transfer, fire protection, lubricant deposition and several specialty chemical applications.
The 3M™ Novec™
Brand Family
3M™ Novec™ Engineered Fluids 3M™ Novec™ Aerosol Cleaners 3M™ Novec™ 1230 Fire Protection Fluid 3M™ Novec™ Electronic Coatings 3M™ Novec™ Electronic Surfactants
United States
3M Electronics Markets
Materials Division
800 810 8513
China
3M China Ltd.
86 21 6275 3535
Europe
3M Belgium N.V.
32 3 250 7521
Japan
Sumitomo 3M Limited
813 3709 8250
Korea
3M Korea Limited
82 2 3771 4114
Singapore
3M Singapore Pte. Ltd.
65 64508888
Taiwan
3M Taiwan Limited
886 2 2704 9011



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com