Electronic Components Datasheet Search
  English  ▼

X  

72DA Datasheet(PDF) 1 Page - 3M Electronics

Part # 72DA
Description  3M™ Novec™ 72DA Engineered Fluid
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

72DA Datasheet(HTML) 1 Page - 3M Electronics

  72DA Datasheet HTML 1Page - 3M Electronics 72DA Datasheet HTML 2Page - 3M Electronics 72DA Datasheet HTML 3Page - 3M Electronics 72DA Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
3
Introduction
3M™ Novec™ 72DA Engineered Fluid is a blend of hydrofluoroether methyl nonafluorobutyl ether (C4F9OCH3),
ethyl nonafluorobutyl ether (C4F9OC2H5), trans-1,2-dichloroethylene (t-DCE) and isopropanol. This mixture of
solvents is a blend of azeotropes. The blend has been analyzed during evaporation and extended use in a vapor
degreaser and found to have a consistent composition that is effective for medium- to heavy-duty degreasing
and defluxing applications.
Novec 72DA fluid is ideal for a wide range of electronics and other precision cleaning applications. It is
intended to replace CFCs, HCFCs, HFCs, nPB and chlorinated solvents. This Novec product has zero ozone
depletion potential and other favorable environmental, health and safety properties (see Table 2).
The high solvency, low surface tension, nonflammability and stability of Novec 72DA fluid make it ideal
for immersion and vapor degreasing applications. The isopropanol in Novec 72DA fluid provides enhanced
removal of ionic contaminants.
Applications
• Cleaning, rinsing and drying agent
- Cleaning of rosin solder flux residues, oils, greases and waxes
3M™ Novec™ 72DA Engineered Fluid
Product Information
Material Description
Ingredients
3M™ Novec™ 72DA Engineered Fluid
Methyl Nonafluorobutyl Ether (C4F9OCH3)
10% by weight
Ethyl Nonafluorobutyl Ether (C4F9OC2H5)
20% by weight
Trans-1,2-dichloroethylene (t-DCE)
68% by weight
Isopropanol
2% by weight
For information on
other applications,
contact your 3M
representative or
3M authorized
distributor.


Similar Part No. - 72DA

ManufacturerPart #DatasheetDescription
logo
OEN India Limited
72D-12-1150-150 OENINDIA-72D-12-1150-150 Datasheet
125Kb / 1P
MEDIUM POWER INDUSTRIAL RELAYS
72D-12-1150-500 OENINDIA-72D-12-1150-500 Datasheet
125Kb / 1P
MEDIUM POWER INDUSTRIAL RELAYS
72D-12-130-150 OENINDIA-72D-12-130-150 Datasheet
125Kb / 1P
MEDIUM POWER INDUSTRIAL RELAYS
72D-12-130-500 OENINDIA-72D-12-130-500 Datasheet
125Kb / 1P
MEDIUM POWER INDUSTRIAL RELAYS
72D-125-1150-150 OENINDIA-72D-125-1150-150 Datasheet
125Kb / 1P
MEDIUM POWER INDUSTRIAL RELAYS
More results

Similar Description - 72DA

ManufacturerPart #DatasheetDescription
logo
3M Electronics
7700 3M-7700 Datasheet
177Kb / 8P
3M™ Novec™ 7700 Engineered Fluid
7500 3M-7500 Datasheet
305Kb / 8P
3M™ Novec™ 7500 Engineered Fluid
7300 3M-7300 Datasheet
166Kb / 4P
3M™ Novec™ 7300 Engineered Fluid
7200DL 3M-7200DL Datasheet
169Kb / 4P
3M™ Novec™ 7200DL Engineered Fluid
7200 3M-7200 Datasheet
167Kb / 4P
3M™ Novec™ 7200 Engineered Fluid
649 3M-649 Datasheet
322Kb / 4P
3M??Novec??649 Engineered Fluid
73DE 3M-73DE Datasheet
467Kb / 4P
3M™ Novec™ 73DE Engineered Fluid
May-2016
72FL 3M-72FL Datasheet
133Kb / 2P
3M™ Novec™ 72FL Engineered Fluid
72DE 3M-72DE Datasheet
157Kb / 4P
3M™ Novec™ 72DE Engineered Fluid
71DE 3M-71DE Datasheet
82Kb / 4P
3M™ Novec™ 71DE Engineered Fluid
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com