Electronic Components Datasheet Search
  English  ▼

X  

BFS520 Datasheet(PDF) 1 Page - SHIKUES Electronics

Part # BFS520
Description  NPN Silicon RF Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKTECHNOLGY [SHIKUES Electronics]
Direct Link  http://www.shikues.com
Logo SKTECHNOLGY - SHIKUES Electronics

BFS520 Datasheet(HTML) 1 Page - SHIKUES Electronics

  BFS520 Datasheet HTML 1Page - SHIKUES Electronics BFS520 Datasheet HTML 2Page - SHIKUES Electronics BFS520 Datasheet HTML 3Page - SHIKUES Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NPN SILICON RF TRANSISTOR
Description
Ultra high frequency low noise transistor, planar NPN silicon Epitaxial bipolar process.
noise figure, large dynamic range and ideal current characteristics, the use of SOT
mainly used in the VHF, UHF and CATV high frequency wideband low
PACKAGE:
SOT-323
Feature
High gain:︱S21e︱2 TYP. Value is 13dB
@ V
Low noise: NF
TYP. Value is 1.8dB
fT (TYP.) :
TYP. Value is 9GHz
Absolute Maximum Ratings TA=25℃
PARAMETER
Collector-base breakdown voltage
Collector-emitter breakdown voltage
Emitter-base breakdown voltage
Collector current
Collector Power Dissipation
Junction Temperature
Storage Temperature
hFE Classification
Classification
A
Marking
hFE
60~100
Ultra high frequency low noise transistor, planar NPN silicon Epitaxial bipolar process.
range and ideal current characteristics, the use of SOT-323 ultra compact chip package,
mainly used in the VHF, UHF and CATV high frequency wideband low-noise amplifier
1
:(Base) 2:(Emitter) 3:(Collector
TYP. Value is 13dB
@ VCE=8V,IC=40mA,f=0.9GHz
TYP. Value is 1.8dB
@ VCE=10V,IC=10mA,f=0.9GHz
TYP. Value is 9GHz
@ VCE=8V,IC=40mA,f=1GHz
℃ Unless Otherwise noted
SYMBLE
MAXIMUM VALUE
UNIT
VCBO
20
VCEO
10
VEBO
2
IC
70
mA
PD
150
mW
Tj
150
Tstg
-65 ~ +150 ℃
B
C
D
N2
90~140
130~180
170~250
250~300
Ultra high frequency low noise transistor, planar NPN silicon Epitaxial bipolar process. With high power gain, low
323 ultra compact chip package,
Collector
)
UNIT
V
V
V
mA
mW
℃
℃
E
250~300
BFS520
1 of 3
REV.08


Similar Part No. - BFS520

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFS520 PHILIPS-BFS520 Datasheet
113Kb / 11P
NPN 9 GHz wideband transistor
September 1995
logo
Inchange Semiconductor ...
BFS520 ISC-BFS520 Datasheet
195Kb / 7P
isc Silicon NPN RF Transistor
logo
NXP Semiconductors
BFS520 NXP-BFS520 Datasheet
9Mb / 130P
RF Manual 16th edition
June 2012
logo
DONGGUAN YOU FENG WEI E...
BFS520 YFWDIODE-BFS520 Datasheet
847Kb / 7P
NPN Transistor
logo
Quanzhou Jinmei Electro...
BFS520 JMNIC-BFS520_15 Datasheet
95Kb / 11P
NPN 9 GHz wideband transistor
More results

Similar Description - BFS520

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BF771 INFINEON-BF771 Datasheet
27Kb / 3P
NPN Silicon RF Transistor
Jun-27-2001
BF771W INFINEON-BF771W Datasheet
27Kb / 3P
NPN Silicon RF Transistor
Jun-27-2001
BF772 INFINEON-BF772 Datasheet
27Kb / 3P
NPN Silicon RF Transistor
Jun-27-2001
BF775 INFINEON-BF775 Datasheet
70Kb / 3P
NPN Silicon RF Transistor
Nov-30-2000
BFG196 INFINEON-BFG196 Datasheet
60Kb / 6P
NPN Silicon RF Transistor
Jun-27-2001
BFG235 INFINEON-BFG235 Datasheet
99Kb / 6P
NPN Silicon RF Transistor
Oct-27-1999
BFP182W INFINEON-BFP182W Datasheet
77Kb / 7P
NPN Silicon RF Transistor
Aug-09-2001
BFP405F INFINEON-BFP405F Datasheet
58Kb / 4P
NPN Silicon RF Transistor
Dec-07-2001
BFP450 INFINEON-BFP450 Datasheet
74Kb / 7P
NPN Silicon RF Transistor
Aug-20-2001
BFP460 INFINEON-BFP460 Datasheet
134Kb / 5P
NPN Silicon RF Transistor
Jun-14-2004
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com