Electronic Components Datasheet Search
  English  ▼

X  

8915 Datasheet(PDF) 2 Page - 3M Electronics

Part # 8915
Description  3M™ Scotch® Filament Tape 8915
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

8915 Datasheet(HTML) 2 Page - 3M Electronics

  8915 Datasheet HTML 1Page - 3M Electronics 8915 Datasheet HTML 2Page - 3M Electronics 8915 Datasheet HTML 3Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
3M™ Scotch® Filament Tape 8915
Technical Information Note
The following technical information and data should be considered representative or typical only and should not be used for speci cation purposes.
Typical Physical Properties
Property
Values
Method
Backing Color
Clear
Total Tape Thickness
0.15 mm
6 mil
ASTM D3652
Backing
3M™ Scotchpro™ lm
Adhesive
Pressure-sensitive synthetic rubber
resin
Reinforcement
Glass Yarn
Typical Performance Characteristics
180° Peel Adhesion
Backing
Notes
Substrate
7.1 N/cm
65 oz/in
2 mil Aluminum Foil
12 in/min (300 mm/min)
72 hr dwell on Stainless Steel
71 N/100mm
Stainless Steel
Property: 180° Peel Adhesion
Method: ASTM D3330
Tensile Strength
298 N/cm
2980 N/100mm
170 lb/in
Property: Tensile Strength
Method: ASTM D3759
Elongation at Break: 3 %
Methods
ASTM D3759
Storage and Shelf Life
Store behind present stock. Store in a clean, dry place. Temperature of 40-80°F (4-26°C) and 40-50% relative humidity are recommended. Rotate your stock.
To obtain best performance, use this product within 18 months from date of manufacture.
Trademarks
Scotch is a registered trademark of 3M.
3M and Scotchpro are trademarks of 3M.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com