Electronic Components Datasheet Search
  English  ▼

X  

3071 Datasheet(PDF) 1 Page - 3M Electronics

Part # 3071
Description  Scotch® Recycled Corrugate Tape
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

3071 Datasheet(HTML) 1 Page - 3M Electronics

  3071 Datasheet HTML 1Page - 3M Electronics 3071 Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Scotch
®
Recycled Corrugate Tape
3071
Temporary Technical Data
October, 2012
Product Description
Scotch
® Recycled Corrugate Tape 3071 is an industrial packaging tape used for box
sealing, splicing, recouperage and other demanding packaging applications. This
product has a conformable backing and a consistent pressure sensitive hot melt
synthetic rubber adhesive system. Meets FDA requirements for indirect food contact.
Product Construction
Backing
Adhesive
Color
Biaxially orientated
Pressure sensitive
Clear
polypropylene
hot melt rubber-resin
Typical Physical
Properties
Note: The following technical information and data should be considered representative
or typical only, and should not be used for specification purposes.
ASTM Test Method
Adhesion to Steel:
45 oz./in. width (44 N/100 mm)
D-3330
Tensile Strength:
Machine Direction:
22 lbs./in. width (385 N/100 mm)
D-3759
Cross Direction:
44 lbs./in. width (771 N/100 mm)
D-3759
Elongation at Break:
160%
D-3759
Tape Thickness - Backing:
1.2 mil (0.0304 mm)
D-3652
Total:
2.1 mil (0.0533 mm)
D-3652
Holding Power:
5,000 + minutes
D-3654
Features
• Adheres instantly to a variety of surfaces.
• Edge tear and split resistance.
• Adheres well to recycled corrugate.
• Roll to roll consistency increases productivity for improved unit costs.
• Complies with the environmental considerations of ASTM D 1974-92.
Available Sizes
Standard Widths:
48 mm, 72 mm
Core Size (ID):
3 in.
Lengths:
100 m, 914 m


Similar Part No. - 3071

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
3071 ALPHAWIRE-3071 Datasheet
70Kb / 3P
Customer Specification
logo
KR Electronics, Inc.
3071 KR-3071 Datasheet
59Kb / 3P
140 MHz Bandpass Filter
logo
Alpha Wire
3071 ALPHAWIRE-3071 Datasheet
98Kb / 4P
Customer Specification
2/16/2023
logo
Heyco.
3071 HEYCO-3071 Datasheet
117Kb / 1P
Pry Out Plugs
logo
Videk Ltd
3071 VIDEK-3071 Datasheet
77Kb / 1P
The 5 pin DIN cables are appropriate for AT style keyboards and the 9 D type cables for serial mice.
More results

Similar Description - 3071

ManufacturerPart #DatasheetDescription
logo
3M Electronics
DP125 3M-DP125 Datasheet
228Kb / 7P
Scotch-WeldTM Epoxy Adhesives
Mar 2019
DP8405NS 3M-DP8405NS Datasheet
141Kb / 7P
Scotch-Weld™ Acrylic Adhesives
May-2019
2229 3M-2229 Datasheet
28Kb / 2P
3M™ Scotch-Seal™ Mastic Tape
Rev B
DP600NS 3M-DP600NS Datasheet
343Kb / 12P
3M™ Scotch-Weld™ Urethane
using
3073 3M-3073 Datasheet
577Kb / 4P
3M™ Scotch® Recycled Corrugate Tape 3073
May-2017
2214 3M-2214 Datasheet
552Kb / 11P
Scotch-WeldTM Epoxy Adhesives
Oct-2018
EC-3333 3M-EC-3333 Datasheet
216Kb / 5P
3M Scotch-WeldTM EpoxyAdhesive
EC-3964 3M-EC-3964 Datasheet
22Kb / 4P
Scotch-WeldTM Structural Adhesive
2090 3M-2090 Datasheet
36Kb / 2P
Scotch-Blue™ Painter’s Tape for Multi-Surfaces
January 2010
logo
Schneider Electric
NSYS3X4320 SCHNEIDER-NSYS3X4320 Datasheet
63Kb / 2P
SPACIAL S3X stainless 304L, Scotch Brite® finish, H400xW300xD200 mm.
Mar 9, 2013
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com