Electronic Components Datasheet Search
  English  ▼

X  

06536 Datasheet(PDF) 2 Page - 3M Electronics

Part # 06536
Description  Scotch™ Steel Gray Masking Paper
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

06536 Datasheet(HTML) 2 Page - 3M Electronics

  06536 Datasheet HTML 1Page - 3M Electronics 06536 Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Scotch
™ Steel Gray Masking Paper
06506 • 06512 • 06518 • 06524 • 06536
 
 
Performance Properties
Note: The following technical information and data should be considered representative
or typical only and should not be used for specification purposes.
 
• Can withstand a bake cycle up to 400°F (204°C) for one hour.
 
• Resists penetration of solvents, lacquers and enamels.
 
 
 
Directions for Use
Paper should not be pulled taut over surfaces. Apply paper with sufficient slack to
minimize puddling of clearcoat or high solvent paints that could cause bleed-through.
 
 
 
Storage and Handling
For best performance, product should be used within 36 months from the
date of manufacture. Product should be stored in the original carton under
normal conditions of 70°F (21°C) and 50% RH (relative humidity).
 
 
 
Precautionary
Information
 
Refer to Product Label and Material Safety Data Sheet for Health and Safety Information before using
this product. See link below:
http://solutions.3m.com/wps/portal/3M/en_US/MSDS/Search/?gsaAction=msdsSRA&msdsLocate=en_US
 
 
 
Technical Information
 
The technical information, recommendations and other statements contained in this document are
based upon tests or experience that 3M believes are reliable, but the accuracy or completeness of
such information is not guaranteed.
 
 
 
Product Use
 
Many factors beyond 3M’s control and uniquely within user’s knowledge and control can affect the use
and performance of a 3M product in a particular application. Given the variety of factors that can affect
the use and performance of a 3M product, user is solely responsible for evaluating the 3M product and
determining whether it is fit for a particular purpose and suitable for user’s method of application.
 
 
 
Warranty,
Limited Remedy,
and Disclaimer
 
Unless an additional warranty is specifically stated on the applicable 3M product packaging or product
literature, 3M warrants that each 3M product meets the applicable 3M product specification at the time
3M ships the product. 3M MAKES NO OTHER WARRANTIES OR CONDITIONS, EXPRESS OR
IMPLIED, INCLUDING, BUT NOT LIMITED TO, ANY IMPLIED WARRANTY OR CONDITION OF
MERCHANTABILITY OR FITNESS FOR A PARTICULAR PURPOSE OR ANY IMPLIED WARRANTY
OR CONDITION ARISING OUT OF A COURSE OF DEALING, CUSTOM OR USAGE OF TRADE.
If the 3M product does not conform to this warranty, then the sole and exclusive remedy is, at 3M’s
option, replacement of the 3M product or refund of the purchase price.
 
Limitation of Liability:  Except where prohibited by law, 3M will not be liable for any loss or damage arising from the 3M 
product, whether direct, indirect, special, incidental or consequential, regardless of the legal theory asserted, including 
warranty, contract, negligence or strict liability. 
 
For Additional Health and Safety Information
 
 
 
Automotive Aftermarket Division
3M Center, Building 223-6N-01
St. Paul, MN 55144-1000
1-877-666-2277 (1-877-MMM-CARS)
www.3M.com/automotive
 
 
 
 
 
 
This is the last page
 
 
 
3M and Scotch are trademarks of 3M
Company. Printed in U.S.A.
©3M 2013 All rights reserved. (6/13)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com