Electronic Components Datasheet Search
  English  ▼

X  

906B Datasheet(PDF) 1 Page - 3M Electronics

Part # 906B
Description  Repulpable Flying Splice Tape
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

906B Datasheet(HTML) 1 Page - 3M Electronics

  906B Datasheet HTML 1Page - 3M Electronics 906B Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3
Repulpable Flying Splice Tape
906B (Blue) • 906W (White)
Technical Data
March 2014
Product Description
3M™ Repulpable Tape 906 is a light-weight tissue coated on both sides with a high
tack, high shear strength, repulpable adhesive and is on a repulpable easy-release
paper liner.
Construction
Adhesive
Liner
Std. Roll Length
High tack, repulpable
Silicone-coated, semi-bleached kraft paper
33 m (36 yds)
Typical Physical
Properties and
Performance
Characteristics
Note: The following technical information and data should be considered representative
or typical only and should not be used for specification purposes.
Repulpability:
Tape - Completely*
Liner - Completely*
Tape Thickness:
3.0 mils (.075 mm) without liner
Bonding Strength:
Delaminates most papers
Heat Resistance:
Excellent to 400°F (204°C) web temperature
*Repulpability judged according to TAPPI UM-213, Procedure A.
Features
• All components of the adhesive and backing meet the requirements of indirect
food additive regulations as described under 21 CFR 176.170 (Components of
paper and paperboard in contact with aqueous and fatty food) and 21 CFR
176.180 (Components of paper and paperboard in contact with dry foods).
• Packing in sealed plastic bags helps protect constant moisture content of unused
tape.
• Water solubility and alkali dispersibility are excellent and eliminate danger of
contaminating the paper mill broke with non-repulpable material. Poor quality
paper and plugged Fourdrinier screens can often be caused by non-repulpable
rubber-based splicing media.
• Improved adhesive formulation for high adhesion – even to treated papers and
strong splices to help save money.
• Totally repulpable construction so no need to remove splice from waste and
prevents broke contamination caused by non-repulpable splice material to help
save labor and increase value of waste paper.
• Tissue reinforced for smoother surface contact, improves splice strength to wider
range of papers to help increase splice success ratio.
• Not recommended for finished roll splices or where oozing and bleeding may occur.


Similar Part No. - 906B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
906 ETC2-906 Datasheet
202Kb / 1P
NYLON TUBE SPACERS
logo
Alpha Wire
906 ALPHAWIRE-906 Datasheet
171Kb / 2P
M12?륚 Die Cast Passive I/O Box
906 ALPHAWIRE-906 Datasheet
97Kb / 3P
Customer Specification
2/21/2023
logo
Anderson Power Products...
906 APP-906 Datasheet
1Mb / 6P
SB® 350 Connectors Up to 500 Amps
REV C7
906 APP-906 Datasheet
151Kb / 2P
SB® 350 Connector
More results

Similar Description - 906B

ManufacturerPart #DatasheetDescription
logo
3M Electronics
9969B 3M-9969B Datasheet
201Kb / 2P
Repulpable Single-Coated Printable Splicing Tape
Mar-2014
R5348 3M-R5348 Datasheet
341Kb / 2P
Splittable Flying Splice Tapes for Flexographic Printers
Dec-2014
R3379 3M-R3379 Datasheet
255Kb / 2P
Repulpable Splittable Flying Splice Tapes
Aug-2015
R3345 3M-R3345 Datasheet
135Kb / 6P
3M™ Repulpable Splice System R3345
Jun-2017
R7369 3M-R7369 Datasheet
29Kb / 3P
Repulpable Splittable Flying Splice Tapes
Apr-2013
9038B 3M-9038B Datasheet
206Kb / 2P
Repulpable Double-Coated Web Splicing Tape
Mar-2014
9977 3M-9977 Datasheet
141Kb / 6P
3M™ Repulpable Double-Coated High Strength Flying Splice Tape
Mar-2014
8387 3M-8387 Datasheet
341Kb / 2P
Splittable Flying Splice Tapes for Flexographic Printers
Dec-2014
900B 3M-900B Datasheet
138Kb / 6P
3M??Repulpable Double-Coated Splicing Tape
9960 3M-9960 Datasheet
44Kb / 2P
Repulpable Single-Coated Splicing Tape
Nov-2007
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com