Electronic Components Datasheet Search
  English  ▼

X  

893 Datasheet(PDF) 2 Page - 3M Electronics

Part # 893
Description  3M™ Scotch® Filament Tape 893
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

893 Datasheet(HTML) 2 Page - 3M Electronics

  893 Datasheet HTML 1Page - 3M Electronics 893 Datasheet HTML 2Page - 3M Electronics 893 Datasheet HTML 3Page - 3M Electronics 893 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
3M™ Scotch® Filament Tape 893
Technical Information Note
The following technical information and data should be considered representative or typical only and should not be used for speci cation purposes.
Typical Physical Properties
Property
Values
Method
Backing Color
Clear
Total Tape Thickness
0.135 mm
5.3 mil
ASTM D3652
Backing
Polypropylene
Adhesive
Pressure-sensitive rubber resin
Reinforcement
Glass yarn
Typical Performance Characteristics
180° Peel Adhesion
Backing
Notes
Substrate
5.5 N/cm
50 oz/in
2 mil Aluminum Foil
12 in/min (300 mm/min)
72 hr dwell on Stainless Steel
55 N/100mm
Stainless Steel
Property: 180° Peel Adhesion
Method: ASTM D3330
Tensile Strength
525.4 N/cm
5254 N/100mm
300 lb/in
Property: Tensile Strength
Method: ASTM D3759
Elongation at Break: 4 %
Methods
ASTM D3759
Handling/Application Information
Application Techniques
An extensive line of application equipment including hand-held manual dispensers and an automatic L-clip applicator are available. Application of Scotch® Filament
Tape 893 is most easily accomplished at room temperature.
At colder temperatures, approaching 32°F (0°C), the adhesive becomes rmer. Once applied, Scotch® Tape 893 performs well throughout the normal temperature
ranges typically encountered by packaged products in shipping and storage environments.
Storage and Shelf Life
Store behind present stock. Store in a clean, dry place. Temperature of 40-80°F (4-26°C) and 40-50% relative humidity are recommended. Rotate your stock.
To obtain best performance, use this product within 24 months from date of manufacture.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com