Electronic Components Datasheet Search
  English  ▼

X  

856 Datasheet(PDF) 1 Page - 3M Electronics

Part # 856
Description  General Purpose Polyester Tape
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

856 Datasheet(HTML) 1 Page - 3M Electronics

  856 Datasheet HTML 1Page - 3M Electronics 856 Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3
General Purpose Polyester Tape
856
Product Description
3M™ General Purpose Polyester Tape 856 is a transparent polyester film tape for
edging and reinforcing applications.
Technical Data
May, 2007
ASTM Test Method
Adhesion to Steel:
20 oz./in. width (22 N/100 mm)
D-3330
Tensile Strength at Break:
25 lbs./in. width (438 N/100 mm)
D-3759
Elongation at Break:
90%
D-3759
Backing Thickness:
1.0 mil (0.025 mm)
D-3652
Total Tape Thickness:
2.0 mils (0.05 mm)
D-3652
Product Construction
Backing
Adhesive
Color
Standard Roll Length
Polyester
Acrylic
Transparent
72 yds. (66 m)
Features
• Tough polyester backing for edge tear resistance.
Typical Physical
Properties
Note: The following technical information and data should be considered representative
or typical only and should not be used for specification purposes.
Application Ideas
• Paper edging.
• Hole reinforcing.
Shelf Life
To obtain best performance, use this product within 18 months from date of
manufacture.
Storage
Store under normal conditions of 60° to 80°F (16° to 27°C) and 40 to 50% R.H. in
the original carton.


Similar Part No. - 856

ManufacturerPart #DatasheetDescription
logo
Littelfuse
856 LITTELFUSE-856 Datasheet
87Kb / 1P
Panel Mount, Shocksafe 5x20mm Fuses
856 LITTELFUSE-856 Datasheet
80Kb / 1P
PC Mount, Shocksafe 5x20mm Fuses
logo
Copyright BG
856 BG-856 Datasheet
5Mb / 6P
SLEEK AND SLIM, WITH SOFTLY ROUNDED CORNERS AND GENTLY CURVED ROCKERS, NEXUS COMBINES SUPERIOR QUALITY WITH STUNNING GOOD LOOK SAND EASY INSTALLATION.
logo
MG Chemicals
856 MG-CHEMICALS-856 Datasheet
187Kb / 3P
Brushes Technical Data Sheet
29 March 2017 / Ver. 1.00
logo
NorComp
856-003-113R004 NORCOMP-856-003-113R004 Datasheet
64Kb / 1P
M8 SERIES-MALE-PANEL MOUNT-VERT PCB-3POSITION
Rev.01 12/09/2020
More results

Similar Description - 856

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R60MF2470AA60K KEMET-R60MF2470AA60K Datasheet
1Mb / 21P
General Purpose Metallized Polyester Film Capacitors
logo
3M Electronics
850 3M-850 Datasheet
21Kb / 2P
Polyester Film Tape
Aug-2013
8412 3M-8412 Datasheet
13Kb / 2P
Polyester Film Tape
05-Jun-2001
8402 3M-8402 Datasheet
240Kb / 3P
Polyester Tape
Jan-2017
8992 3M-8992 Datasheet
138Kb / 5P
3M™ Polyester Tape
Apr-2015
8429 3M-8429 Datasheet
125Kb / 6P
3M™ Polyester Tape 8429
Mar-2017
8991L 3M-8991L Datasheet
132Kb / 5P
3M™ Polyester Tape
Apr-2015
8911 3M-8911 Datasheet
132Kb / 5P
3M™ Polyester Tape 8911
May-2017
3710 3M-3710 Datasheet
14Kb / 2P
General Purpose Packaging Tape
854 3M-854 Datasheet
14Kb / 2P
Polyester Tape
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com