Electronic Components Datasheet Search
  English  ▼

X  

256 Datasheet(PDF) 2 Page - 3M Electronics

Part # 256
Description  3M™ Scotch® Printable Flatback Paper Tape 256
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

256 Datasheet(HTML) 2 Page - 3M Electronics

  256 Datasheet HTML 1Page - 3M Electronics 256 Datasheet HTML 2Page - 3M Electronics 256 Datasheet HTML 3Page - 3M Electronics 256 Datasheet HTML 4Page - 3M Electronics 256 Datasheet HTML 5Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
3M™ Scotch® Printable Flatback Paper Tape 256
Technical Information Note
The following technical information and data should be considered representative or typical only and should not be
used for speci cation purposes.
Typical Physical Properties
Property
Values
Method
Color
Red, white, green
Total Tape Thickness
0.12 mm
4.8 mil
ASTM D3652
Backing
Colored atback paper
Adhesive
Rubber
Typical Performance Characteristics
Property Values
Method
Dwell/Cure
Time
Substrate
Notes
180°
Peel
Adhesion
3.8 N/cm
35 oz/in
ASTM
D3330
Initial
Stainless
Steel
12 in/min (300 mm/min)
Tensile
Strength
56 N/cm
32 lb/in
ASTM
D3759
Elongation
at
Break
3.5 %
ASTM
D3759
Temperature
Use
Range
One hour
up to 93
°C
One hour
up to 200
°F



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com