Electronic Components Datasheet Search
  English  ▼

X  

27A Datasheet(PDF) 2 Page - 3M Electronics

Part # 27A
Description  Scotchgard™ Extraction Cleaner Concentrate 27A and 27H
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

27A Datasheet(HTML) 2 Page - 3M Electronics

  27A Datasheet HTML 1Page - 3M Electronics 27A Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Important Notice to User
Technical Information: The technical information, recommendations and other statements contained in this document are based upon tests or
experience that 3M believes are reliable, but the accuracy or completeness of such information is not guaranteed.
Product Use: Many factors beyond 3M’s control and uniquely within user’s knowledge and control can affect the use and performance of a 3M
product in a particular application. Given the variety of factors that can affect the use and performance of a 3M product, user is solely responsible
for evaluating the 3M product and determining whether it is fit for a particular purpose and suitable for user’s method of application.
Warranty and Limited Remedy: 3M warrants that each 3M product will be free from defects in material and manufacture for 90 days from the
date of purchase from 3M’s authorized distributor. 3M MAKES NO OTHER EXPRESS OR IMPLIED WARRANTIES, INCLUDING ANY IMPLIED
WARRANTY OF MERCHANTABILITY OR FITNESS FOR A PARTICULAR PURPOSE. If a 3M product does not conform to this warranty, the sole
and exclusive remedy is, at 3M’s option, replacement of the 3M product or refund of the purchase price. Limitation of Liability: Except where
prohibited by law, 3M will not be liable for any loss or damage arising from the 3M product, whether direct, indirect, special, incidental or
consequential, regardless of the legal theory asserted.
Commercial Solutions Division
St. Paul, MN 55144-1000
1-800-852-9722
www.3M.com/facility
3M, Scotchgard and Twist ’n Fill are trademarks of 3M Company.
Used under license in Canada.
The Carpet and Rug Institute’s Seal of Approval logo is a trademark
of the Carpet and Rug Institute.
© 3M 2016. All rights reserved.
Asset ID: 1222941
3M Branch Sales Offices
ANCHORAGE
11151 Calaska Circle
Anchorage, AK 99515
Telephone: 907/522-5200
Facsimile 907/522-1645
HONOLULU
4443 Malaai Street
Honolulu, HI 96818
Mail to: P.O. Box 30048
Honolulu, HI 96820
Telephone: 808/422-2721
Facsimile 808/422-9557
CONTINENTAL
UNITED STATES
Customer Service Department
3M Center Building 223-5S-07
St. Paul, MN 55144-1000
Order Entry 1-800-852-9722
Facsimile 1-800-447-0408
CANADA
1840 Oxford Street East
London, Ontario, Canada
N5V 3G2
Mail to: P.O. Box 5757
London, Ontario, Canada
N6A 4T1
Telephone: 800/364-3577
Facsimile: 800/479-4453



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com