Electronic Components Datasheet Search
  English  ▼

X  

11L Datasheet(PDF) 1 Page - 3M Electronics

Part # 11L
Description  Scotchgard??Bonnet Cleaner Concentrate
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

11L Datasheet(HTML) 1 Page - 3M Electronics

  11L Datasheet HTML 1Page - 3M Electronics 11L Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Scotchgard™ Bonnet Cleaner Concentrate 11L
L2 Product Name (variable)
Technical Data
Revision B, March 2018
Scotchgard™ Bonnet Cleaner
Concentrate 11L
Technical Data Sheet
Revision B, March 2018
Quick Links
Resource Library
Safety Data Sheets (SDS)
Video Library
Some of these links lead to web-based
resources that are not product-specific.
Product Description
Scotchgard™ Bonnet Cleaner Concentrate 11L is a concentrated
product intended to be diluted and dispensed using the 3M™ Twist
‘n Fill™ Cleaning Chemical Management System.
This product is an effective surface cleaner designed to be used
with the 3M™ Carpet Bonnet Pad. Scotchgard™ Bonnet Cleaner is
formulated for use with Scotchgard™ Carpet Protector and is an
important part of the 3M carpet care system.
Special Features
• Excellent surface cleaner for interim carpet maintenance
• Easy-to-use cleaning process
• Fast drying cleaning process minimizes carpet down time
• Extends the time between restorative extraction cleanings
• Low foaming
• Effectively removes spots that wick to the carpet surface after
extraction cleaning
Applications
• Commercial grade carpets
• Low profile loop or cut-pile construction
• Traffic lanes
Packaging
• 2 liter bottles
• 6 bottles per case
General Use Directions
Note: Test the Scotchgard™ Bonnet Cleaner in an inconspicuous
area to make sure the carpet is colorfast. Apply ready-to-use
solution to a small area. After several minutes, blot the carpet with
a clean white cloth or paper towel. If color from the carpet transfers
to the cloth or towel, discontinue use.
1. Vacuum the carpet area thoroughly.
2. Use a 3M™ All Purpose Sprayer (Model AP-1) or a bulk
pressurized sprayer to apply the bonnet cleaner.
3. Dispense the Scotchgard™ Bonnet Cleaner using the
3M™ Twist ‘n Fill™ Dispenser directly into the solution
tank of your sprayer.
4. Apply the ready-to-use solution at a rate of 200-300 ft2 per
gallon.
5. Allow 1-2 minutes dwell time for the cleaner to penetrate the
fiber.
6. Clean using a 175 rpm floor machine with a 3M™ Carpet Bonnet
Pad or carpet brush.
7. Do not over-wet the carpet bonnet pad by soaking it, however
spray the pad with Scotchgard™ Bonnet Cleaner before starting
to reduce the drag of the machine on the carpet.
8. Bonnet the area until the light foam generated is worked into the
carpet.
9. When the pad becomes heavily soiled, turn the pad over and
continue.
10. Change to a clean pad when necessary.
11. Vacuum the area when the carpet is completely dry.
Note: Personal Protective Equipment (PPE) Recommendation:
Refer to SDS for specific PPE guidance. Refer to product Safety
Data Sheets for specific physical properties, health hazard, first aid
and precautionary information.
Concentrate SDS #: 19-0058-8
RTU SDS#: 19-0060-4
Health and Safety
When handling any chemical products, read the manufacturers'
container labels and the Safety Data Sheets (SDS) for important
health, safety and environmental information. To obtain SDS sheets
for 3M products go to 3M.com/SDS, or by mail or in case of an
emergency, call 1-888-364-3577 or 1-651-737-6501. When using
any equipment, always follow the manufacturers' instructions for
safe operation.
Technical Information
Technical information and data, recommendations, and other
statements provided by 3M are based on information, tests, or
experience which 3M believes to be reliable, but the accuracy or
completeness of such information is not guaranteed. Such techni-
cal information and data are intended for persons with knowledge
and technical skills sufficient to assess and apply their own
informed judgment to the information. The typical values shown
should not be used for the purpose of specification limits. If you
have questions about this Product, contact the Customer Service
Department at 1­800­852­9722.
Product Use
Many factors beyond 3M's control and uniquely within user's
knowledge and control can affect the use and performance of a 3M
product in a particular application. Given the variety of factors that
can affect the use and performance of a 3M product, user is solely
responsible for evaluating the 3M product and determining whether
it is fit for a particular purpose and suitable for user's method of
application.


Similar Part No. - 11L

ManufacturerPart #DatasheetDescription
logo
Elma Electronic Ltd
11LA14FHBD8Y4VNER ELMA-11LA14FHBD8Y4VNER Datasheet
1Mb / 2P
AdvancedTCA 14 Slot, 13U Chassis
logo
Microchip Technology
11LC010 MICROCHIP-11LC010 Datasheet
597Kb / 38P
1K-16K UNI/O짰 Serial EEPROM Family Data Sheet
2008
11LC010 MICROCHIP-11LC010 Datasheet
830Kb / 44P
1K-16K UNI/O짰 Serial EEPROM Family Data Sheet
2010
11LC010-E/MNY MICROCHIP-11LC010-E/MNY Datasheet
597Kb / 38P
1K-16K UNI/O짰 Serial EEPROM Family Data Sheet
2008
11LC010-E/MS MICROCHIP-11LC010-E/MS Datasheet
597Kb / 38P
1K-16K UNI/O짰 Serial EEPROM Family Data Sheet
2008
More results

Similar Description - 11L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
521F ETC-521F Datasheet
115Kb / 1P
SOLDER PASTES/CLEANER
logo
NTE Electronics
RX500-6 NTE-RX500-6 Datasheet
47Kb / 8P
ECG Cleaner/Lubricant
logo
Tyco Electronics
1918803-1 MACOM-1918803-1 Datasheet
173Kb / 2P
OPTIPOP R Reel Cleaner
logo
Rosenberger Hochfrequen...
98W005-000 ROSENBERGER-98W005-000 Datasheet
133Kb / 1P
Click Cleaner
logo
Analog Devices
AD9523 AD-AD9523 Datasheet
1,011Kb / 60P
Jitter Cleaner and Clock Generator
9/15-Rev. C to Rev. D
logo
List of Unclassifed Man...
SE4002 ETC1-SE4002 Datasheet
900Kb / 3P
spray extraction cleaner
logo
3M Electronics
UHS25 3M-UHS25 Datasheet
62Kb / 2P
Scotchgard™ 1UHS 25 Floor Finish
May-2010
28H 3M-28H Datasheet
87Kb / 2P
Scotchgard??Pretreatment Cleaner Concentrate 28H
27H 3M-27H Datasheet
83Kb / 2P
Scotchgard??Extraction Cleaner Concentrate 27H
27A 3M-27A Datasheet
236Kb / 2P
Scotchgard??Extraction Cleaner Concentrate 27A and 27H
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com