Electronic Components Datasheet Search
  English  ▼

X  

TLE9350VSJ Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # TLE9350VSJ
Description  High speed CAN FD transceiver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9350VSJ Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button TLE9350VSJ Datasheet HTML 17Page - Infineon Technologies AG TLE9350VSJ Datasheet HTML 18Page - Infineon Technologies AG TLE9350VSJ Datasheet HTML 19Page - Infineon Technologies AG TLE9350VSJ Datasheet HTML 20Page - Infineon Technologies AG TLE9350VSJ Datasheet HTML 21Page - Infineon Technologies AG TLE9350VSJ Datasheet HTML 22Page - Infineon Technologies AG TLE9350VSJ Datasheet HTML 23Page - Infineon Technologies AG TLE9350VSJ Datasheet HTML 24Page - Infineon Technologies AG TLE9350VSJ Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
Datasheet
21
Rev. 1.0
2020-11-06
TLE9350VSJ
High speed CAN FD transceiver
CANH, CANL output voltage
difference slope, recessive to
dominant
Vdiff_slope_rd –
4270V/µs 1) 30% to 70% of
measured differential
bus voltage,
C2= 100 pF, RL =60 Ω,
4.75 V < VCC <5.25 V
P_8.4.21
CANH, CANL output voltage
difference slope, dominant to
recessive
Vdiff_slope_dr –
4270V/µs 1) 70% to 30% of
measured differential
bus voltage,
C2= 100 pF, RL =60 Ω,
4.75 V < VCC <5.25 V
P_8.4.22
1) Not subject to production test, specified by design.
2) VSYM is observed during dominant and recessive state and also during the transition from dominant to recessive state
and vice versa, while TxD is stimulated by a square wave signal with a frequency of 1 MHz.
Table 9
Electrical characteristics transmitter (Continued)
4.75 V < VCC < 5.25 V; 3.0 V < VIO <5.5 V; RL =60 Ω; -40°C < Tj < 150°C; all voltages with respect to ground; positive
current flowing into pin; unless otherwise specified.
Parameter
Symbol
Values
Unit Note or
Test Condition
Number
Min. Typ. Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com