Electronic Components Datasheet Search
  English  ▼

X  

SC9149AL Datasheet(PDF) 11 Page - Silan Microelectronics Joint-stock

Part # SC9149AL
Description  INFRARED REMOTE CONTROL RECEIVER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC9149AL Datasheet(HTML) 11 Page - Silan Microelectronics Joint-stock

Back Button SC9149AL Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC9149AL Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC9149AL Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC9149AL Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC9149AL Datasheet HTML 9Page - Silan Microelectronics Joint-stock SC9149AL Datasheet HTML 10Page - Silan Microelectronics Joint-stock SC9149AL Datasheet HTML 11Page - Silan Microelectronics Joint-stock SC9149AL Datasheet HTML 12Page - Silan Microelectronics Joint-stock SC9149AL Datasheet HTML 13Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Silan
Semiconductors
SC9149A/SC9150A
HANGZHOU SILAN MICROELECTRONICS CO.,LTD.
Rev: 1.2
2003.01.21
11
To make code bit to “1” on SC9148A, connect diode to CODE terminal from T1~T3 terminal. To set Code bit “0” ,
open the circuit.
SC9149A has C2 and C3 code terminal. Code bit of C1 has been pulled up in IC and C1 is always kept at “1”
status.
Therefore, on transmitter SC9148A it is necessary to keep C1 code bit at “1” . Example 1 is the external circuit
diagram when Code bit C2=1 and C3=0.
2. COMBINATION OF SC9148A/SC9150A CODE BITS
CODE
T3
(C3)
T2
(C2)
T1
(C1)
Code1
(C1)
Code2
(C2)
VDD
VDD
OSC
Code:
C1=C3=1,C2=0
Code:
C1=1,C2=0
SC9148A
SC9150A
13
12
11
10
21
22
15
16
K1~K10
SP1~SP10
Example 2 (C1=1 and C2=0)
The combination of code bits of SC9148A and SC9150A is shown in the following table.
SC9148A
SC9150A
C1
C2
C3
C2
C3
1
0
1
1
0
0
1
1
0
1
1
1
1
1
1
On SC9150A, C3 code has been pulled up in IC and always kept at “1” status. Therefore , it is necessary to keep
Code Bit C3 of transmitter SC9148A at “1”. To keep Code Bit C3 at “1”, connect a diode to CODE terminal from T3
terminal.
4. Note for Input Signal
If input voltage above VDD+0.3V may possibly be applied to Rx Input Terminal(2 Pin), connect resistor of about
10k
Ω in series to Rx Input terminal in order to prevent latch-up. expect SC9149AHN. Other circuit should be
connect as following: output signal of infrared receiver should be inversed, and then input RXIN port.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com