Electronic Components Datasheet Search
  English  ▼

X  

F0452B Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # F0452B
Description  Dual Path RF Switch with LNA and DVGA 2.3GHz to 2.7GHz
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F0452B Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button F0452B Datasheet HTML 11Page - Renesas Technology Corp F0452B Datasheet HTML 12Page - Renesas Technology Corp F0452B Datasheet HTML 13Page - Renesas Technology Corp F0452B Datasheet HTML 14Page - Renesas Technology Corp F0452B Datasheet HTML 15Page - Renesas Technology Corp F0452B Datasheet HTML 16Page - Renesas Technology Corp F0452B Datasheet HTML 17Page - Renesas Technology Corp F0452B Datasheet HTML 18Page - Renesas Technology Corp F0452B Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
F0452B Datasheet
© 2019 Integrated Device Technology, Inc.
15
May 7, 2019
Typical Performance Characteristics: Part 2
Figure 9.
R
X Mode Output Return Loss
(High Gain)
Figure 10. R
X Mode Output Return Loss
(Low Gain)
Figure 11. RX Mode OP1dB vs. Frequency
(High Gain)
Figure 12. RX Mode OP1dB vs. Frequency
(Low Gain)
Figure 13. RX Mode OIP3 vs. Frequency
(High Gain)
Figure 14. RX Mode OIP3 vs. Frequency
(Low Gain)
-30
-25
-20
-15
-10
-5
0
2
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3
Frequency(GHz)
-40 C, +3.15 V
-40 C, +3.30 V
-40 C, +3.45 V
+25 C, +3.15 V
+25 C, +3.30 V
+25 C, +3.45 V
+105 C, +3.15 V
+105 C, +3.30 V
+105 C, +3.45 V
-30
-25
-20
-15
-10
-5
0
2
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3
Frequency(GHz)
-40 C, +3.15 V
-40 C, +3.30 V
-40 C, +3.45 V
+25 C, +3.15 V
+25 C, +3.30 V
+25 C, +3.45 V
+105 C, +3.15 V
+105 C, +3.30 V
+105 C, +3.45 V
10
11
12
13
14
15
16
17
18
19
20
2.3
2.4
2.5
2.6
2.7
2.8
Frequency(GHz)
-40 C, +3.15 V
-40 C, +3.30 V
-40 C, +3.45 V
+25 C, +3.15 V
+25 C, +3.30 V
+25 C, +3.45 V
+105 C, +3.15 V
+105 C, +3.30 V
+105 C, +3.45 V
10
11
12
13
14
15
16
17
18
19
20
2.3
2.4
2.5
2.6
2.7
2.8
Frequency(GHz)
-40 C, +3.15 V
-40 C, +3.30 V
-40 C, +3.45 V
+25 C, +3.15 V
+25 C, +3.30 V
+25 C, +3.45 V
+105 C, +3.15 V
+105 C, +3.30 V
+105 C, +3.45 V
20
21
22
23
24
25
26
27
28
29
30
3.3
3.4
3.5
3.6
3.7
3.8
Frequency(GHz)
-40 C, +3.15 V
-40 C, +3.30 V
-40 C, +3.45 V
+25 C, +3.15 V
+25 C, +3.30 V
+25 C, +3.45 V
+105 C, +3.15 V
+105 C, +3.30 V
+105 C, +3.45 V
20
21
22
23
24
25
26
27
28
29
30
3.3
3.4
3.5
3.6
3.7
3.8
Frequency(GHz)
-40 C, +3.15 V
-40 C, +3.30 V
-40 C, +3.45 V
+25 C, +3.15 V
+25 C, +3.30 V
+25 C, +3.45 V
+105 C, +3.15 V
+105 C, +3.30 V
+105 C, +3.45 V
20
21
22
23
24
25
26
27
28
29
30
2.3
2.4
2.5
2.6
2.7
2.8
Frequency(GHz)
-40 C, +3.15 V
-40 C, +3.30 V
-40 C, +3.45 V
+25 C, +3.15 V
+25 C, +3.30 V
+25 C, +3.45 V
+105 C, +3.15 V
+105 C, +3.30 V
+105 C, +3.45 V
20
21
22
23
24
25
26
27
28
29
30
2.3
2.4
2.5
2.6
2.7
2.8
Frequency(GHz)
-40 C, +3.15 V
-40 C, +3.30 V
-40 C, +3.45 V
+25 C, +3.15 V
+25 C, +3.30 V
+25 C, +3.45 V
+105 C, +3.15 V
+105 C, +3.30 V
+105 C, +3.45 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com