Electronic Components Datasheet Search
  English  ▼

X  

F0448EVB Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # F0448EVB
Description  Dual Matched Broadband RF DVGA 3.4GHz to 3.8GHz
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F0448EVB Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button F0448EVB Datasheet HTML 9Page - Renesas Technology Corp F0448EVB Datasheet HTML 10Page - Renesas Technology Corp F0448EVB Datasheet HTML 11Page - Renesas Technology Corp F0448EVB Datasheet HTML 12Page - Renesas Technology Corp F0448EVB Datasheet HTML 13Page - Renesas Technology Corp F0448EVB Datasheet HTML 14Page - Renesas Technology Corp F0448EVB Datasheet HTML 15Page - Renesas Technology Corp F0448EVB Datasheet HTML 16Page - Renesas Technology Corp F0448EVB Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
F0448 Datasheet
© 2018 Integrated Device Technology, Inc.
13
October 24, 2018
Figure 7. Input Return Loss for DSA0 Settings
Figure 8. Output Return Loss for DSA0
Settings
Figure 9. Input Return Loss for DSA1 Settings
Figure 10. Output Return Loss for DSA1
Settings
Figure 11. Input Return Loss for DSA2 Settings
Figure 12. Output Return Loss for DSA2
Settings
-35
-30
-25
-20
-15
-10
-5
0
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0
Frequency (GHz)
DSA0=0 dB
DSA0=6 dB
-35
-30
-25
-20
-15
-10
-5
0
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0
Frequency (GHz)
DSA0=0 dB
DSA0=6 dB
-35
-30
-25
-20
-15
-10
-5
0
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0
Frequency (GHz)
0 dB
1 dB
2 dB
3 dB
4 dB
5 dB
6 dB
7 dB
8 dB
9 dB
10 dB
11 dB
12 dB
13 dB
14 dB
15 dB
16 dB
17 dB
18 dB
19 dB
20 dB
21 dB
22 dB
23 dB
-35
-30
-25
-20
-15
-10
-5
0
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0
Frequency (GHz)
0 dB
1 dB
2 dB
3 dB
4 dB
5 dB
6 dB
7 dB
8 dB
9 dB
10 dB
11 dB
12 dB
13 dB
14 dB
15 dB
16 dB
17 dB
18 dB
19 dB
20 dB
21 dB
22 dB
23 dB
-35
-30
-25
-20
-15
-10
-5
0
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0
Frequency (GHz)
DSA2=00 dB
DSA2=06 dB
DSA2=12 dB
DSA2=18 dB
-35
-30
-25
-20
-15
-10
-5
0
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0
Frequency (GHz)
DSA2=00 dB
DSA2=06 dB
DSA2=12 dB
DSA2=18 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com